Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5925IDWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5925IDWR
Description  Low-Power 16-Channel Constant-Current LED Sink Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5925IDWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC5925IDWR Datasheet HTML 2Page - Texas Instruments TLC5925IDWR Datasheet HTML 3Page - Texas Instruments TLC5925IDWR Datasheet HTML 4Page - Texas Instruments TLC5925IDWR Datasheet HTML 5Page - Texas Instruments TLC5925IDWR Datasheet HTML 6Page - Texas Instruments TLC5925IDWR Datasheet HTML 7Page - Texas Instruments TLC5925IDWR Datasheet HTML 8Page - Texas Instruments TLC5925IDWR Datasheet HTML 9Page - Texas Instruments TLC5925IDWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TLC5925
SLVS765B – OCTOBER 2008 – REVISED SEPTEMBER 2015
www.ti.com
6.6
Electrical Characteristics: VDD = 5.5 V
VDD = 5.5 V, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Input voltage
3
5.5
V
VO
Output voltage
17
V
VO ≥ 0.6 V
3
IO
Output current
mA
VO ≥ 1 V
45
IOH
High-level output current, source
-1
mA
IOL
Low-level output current, sink
1
VIH
High-level input voltage
0.7 × VDD
VDD
V
VIL
Low-level input voltage
GND
03 × VDD
TJ = 25°C
0.5
Ileak
Output leakage current
VOH = 17 V
μA
TJ = 125°C
2
VOH
High-level output voltage
SDO, IOL = –1 mA
VDD – 0.4
V
VOL
Low-level output voltage
SDO, IOH = 1 mA
0.4
V
Output current 1
VOUT = 0.6 V, Rext = 1680 Ω
13
mA
IOL = 13 mA, VO = 0.6 V, Rext = 1680 Ω,
Output current error, die-die
±3$
±6$
IO(1)
TJ = 25°C
Output current error, channel-to-
IOL = 13 mA, VO = 0.6 V, Rext = 1680 Ω,
±1.5$
±4$
channel
TJ = 25°C
Output current 2
VO = 0.8 V, Rext = 840 Ω
26
mA
IOL = 26 mA, VO = 0.8 V, Rext = 840 Ω,
Output current error, die-die
±3%
±6%
IO(2)
TJ = 25°C
Output current error, channel-to-
IOL = 26 mA, VO = 0.8 V, Rext = 840 Ω,
±1.5%
±4%
channel
TJ = 25°C
VO = 1 V to 3 V , IO = 26 mA
±0.1
IOUT vs
Output current vs
%/V
VOUT
output voltage regulation
VDD = 3.0 V to 5.5 V, IO = 13 mA to 45 mA
±1
Pullup resistance
OE
500
k
Pulldown resistance
LE
500
k
Tsd
Overtemperature shutdown (1)
150
175
200
°C
Thys
Restart temperature hysteresis
15
°C
Rext = Open
9
11
IDD
Supply current
Rext = 1680 Ω
12
14
mA
Rext = 840 Ω
14
16
CIN
Input capacitance
VI = VDD or GND, CLK, SDI, SDO, OE
10
pF
(1)
Specified by design
6.7 Power Dissipation and Thermal Impedance
MIN
MAX
UNIT
DBQ package
1.6
Mounted on JEDEC 4-layer board (JESD 51-7),
PD
Power dissipation
DW package
2.2
W
No airflow, TA = 25°C, TJ = 125°C
PW package
1.1
6
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TLC5925


Similar Part No. - TLC5925IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5925IDWR TI-TLC5925IDWR Datasheet
666Kb / 22P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925IDWR TI-TLC5925IDWR Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925IDWRG4 TI-TLC5925IDWRG4 Datasheet
666Kb / 22P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925IDWRG4 TI-TLC5925IDWRG4 Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
More results

Similar Description - TLC5925IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5925 TI-TLC5925_09 Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025 TI-TLC59025 Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925 TI-TLC5925 Datasheet
666Kb / 22P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
logo
Princeton Technology Co...
PT6726 PTC-PT6726 Datasheet
193Kb / 3P
   16-Channel Constant Current Sink for LED Driver
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com