Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC59116FIPWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59116FIPWR
Description  16-Channel Fast-Mode Plus I2C Bus LED Driver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59116FIPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC59116FIPWR Datasheet HTML 4Page - Texas Instruments TLC59116FIPWR Datasheet HTML 5Page - Texas Instruments TLC59116FIPWR Datasheet HTML 6Page - Texas Instruments TLC59116FIPWR Datasheet HTML 7Page - Texas Instruments TLC59116FIPWR Datasheet HTML 8Page - Texas Instruments TLC59116FIPWR Datasheet HTML 9Page - Texas Instruments TLC59116FIPWR Datasheet HTML 10Page - Texas Instruments TLC59116FIPWR Datasheet HTML 11Page - Texas Instruments TLC59116FIPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
RL
RT
CL
VO
VCC
VI
Open
VCC
GND
PULSE
GENERATOR
DUT
SCL
SDA
Protocol
START
(S)
Condition
Bit 7
MSB
(A7)
Bit 6
(A6)
Bit 7
(D1)
Bit 8
(D0)
Acknowledge
(A)
STOP Condition
(P)
tBUF
tLOW
1/fSCL
tHD;STA
TSU;STO
tSU;DAT
tSU;STA
tHD;DAT
tVD;DAT
tVD;ACK
tHIGH
tf
tr
t
BUF
t
LOW
t
HD;STA
t
HD;STA
t
SP
t
SU;STO
t
SU;STA
t
SU;DAT
t
HD;DAT
t
HIGH
t
f
SCL
P
Sr
S
P
SDA
t
r
TLC59116F
SCLS714C – MARCH 2009 – REVISED SEPTEMBER 2015
www.ti.com
Parameter Measurement Information (continued)
Figure 4. Definition of Timing
A.
Rise and fall times refer to VIL and VIH.
Figure 5. I2C Bus Timing
A.
Load resistor, RL, for SDA and SCL > 1 kΩ (3 mA or less current)
B.
Load capacitance, CL, includes jig and probe capacitance
C.
Termination resistance, RT, should be equal to the output impedance ZO of the pulse generators.
Figure 6. Test Circuit for Switching Characteristics
8
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TLC59116F


Similar Part No. - TLC59116FIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59116FIPWR TI1-TLC59116FIPWR Datasheet
764Kb / 31P
[Old version datasheet]   16-CHANNEL FAST-MODE PLUS I2C BUS LED DRIVER
More results

Similar Description - TLC59116FIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59116F TI1-TLC59116F Datasheet
764Kb / 31P
[Old version datasheet]   16-CHANNEL FAST-MODE PLUS I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9614 NXP-PCA9614 Datasheet
420Kb / 28P
   2-channel multipoint Fast-mode Plus differential I2C-bus buffer
Rev. 2-21 September 2021
logo
Pericom Semiconductor C...
PI6ULS5V9627A PERICOM-PI6ULS5V9627A Datasheet
465Kb / 10P
   4 Channel Level Translating Fast-Mode Plus I2C-bus/SMbus Repeater
PI6ULS5V9617A PERICOM-PI6ULS5V9617A Datasheet
610Kb / 13P
   Level Translating Fast-Mode Plus I2C-bus/SMbus Repeater
logo
NXP Semiconductors
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9635 NXP-PCA9635 Datasheet
187Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 06-11 September 2008
PCA9635 PHILIPS-PCA9635 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
logo
Texas Instruments
TLC59116 TI-TLC59116_1 Datasheet
551Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IRHBR TI1-TLC59116IRHBR Datasheet
1Mb / 38P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
logo
ON Semiconductor
CAT9552 ONSEMI-CAT9552 Datasheet
414Kb / 18P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com