Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3533TMX-40 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3533TMX-40
Description  Complete Lighting Power Solution for Smartphone Handsets
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3533TMX-40 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3533TMX-40 Datasheet HTML 5Page - Texas Instruments LM3533TMX-40 Datasheet HTML 6Page - Texas Instruments LM3533TMX-40 Datasheet HTML 7Page - Texas Instruments LM3533TMX-40 Datasheet HTML 8Page - Texas Instruments LM3533TMX-40 Datasheet HTML 9Page - Texas Instruments LM3533TMX-40 Datasheet HTML 10Page - Texas Instruments LM3533TMX-40 Datasheet HTML 11Page - Texas Instruments LM3533TMX-40 Datasheet HTML 12Page - Texas Instruments LM3533TMX-40 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
300
275
250
225
200
175
150
125
100
85°C
25°C
-40°C
2.5 2.8 3.1 3.4 3.7 4.0 4.3 4.6 4.9 5.2 5.5
VIN (V)
400.0
370.0
340.0
310.0
280.0
250.0
220.0
190.0
160.0
130.0
100.0
-40C
25C
85C
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
85°C
25°C
-40°C
2.5
2.8
3.1
3.4
3.7
4.0
4.3
VIN (V)
280
244
208
172
136
100
-40C
85C
25C
0
2000
4000
6000
8000
10000
PWM Frequency (Hz)
100
10
1
0.1
0.01
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
0.45
0.43
0.40
0.38
0.35
0.33
0.30
0.28
0.25
0.23
0.20
0.18
0.15
25°C
85°C
-40°C
LM3533
www.ti.com
SNOSC68C – APRIL 2012 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
VIN = 3.6 V, LEDs are WLEDs part number SML-312WBCW(A), typical application circuit with L = TDK (VLF302512, 4.7 µH,
10 µH, 22 µH where specified), Schottky = On-Semi (NSR0240V2T1G), TA = 25°C, unless otherwise specified. Efficiency is
given as VOUT × (IHVLED1 + IHVLED2)/(VIN × IIN); matching curves are given as (ΔILED_MAX/ILED_AVE).
50% Duty Cycle
ILED Full_scale = 20.2 mA
Figure 13. Led Current Ripple vs FPWM
Figure 14. NMOS On Resistance vs VIN
1x Gain
2× Gain
Figure 15. IN to CPOUT Resistance vs VIN
Figure 16. Charge Pump Short Circuit Current Limit vs VIN
1× Gain
Figure 17. Charge Pump Short Circuit Current Limit vs VIN
Figure 18. Idle State Supply Current (Pattern Generator
Enabled On LVLED1, LVLED2, LVLED3)
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3533


Similar Part No. - LM3533TMX-40

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3533TMX-40 TI1-LM3533TMX-40 Datasheet
2Mb / 53P
[Old version datasheet]   Complete Lighting Power Solution for Smartphone Handsets
LM3533TMX-40A TI1-LM3533TMX-40A Datasheet
2Mb / 53P
[Old version datasheet]   Complete Lighting Power Solution for Smartphone Handsets
More results

Similar Description - LM3533TMX-40

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3533 TI1-LM3533 Datasheet
2Mb / 53P
[Old version datasheet]   Complete Lighting Power Solution for Smartphone Handsets
LM3633 TI1-LM3633 Datasheet
1Mb / 59P
[Old version datasheet]   Complete Lighting Power Solution for Smartphone Handsets
logo
National Semiconductor ...
SC14408 NSC-SC14408 Datasheet
95Kb / 5P
   Complete Baseband Processor for DECT Handsets
SC14404 NSC-SC14404 Datasheet
175Kb / 6P
   Complete Baseband Processor for DECT Handsets
SC14402 NSC-SC14402 Datasheet
78Kb / 7P
   Complete Baseband Processor for DECT Handsets
logo
Semtech Corporation
SC2615 SEMTECH-SC2615 Datasheet
216Kb / 13P
   Complete DDR Power Solution
SC2616 SEMTECH-SC2616_03 Datasheet
325Kb / 16P
   Complete DDR Power Solution
SC2616 SEMTECH-SC2616 Datasheet
414Kb / 17P
   Complete DDR Power Solution
logo
Texas Instruments
TPS65295 TI1-TPS65295 Datasheet
1Mb / 39P
[Old version datasheet]   complete DDR4 memory power solution
logo
Lumileds Lighting Compa...
DS66 LUMILEDS-DS66 Datasheet
1Mb / 18P
   Functional solution for forward lighting systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com