Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2738XMY Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2738XMY
Description  1.5A Step-Down DC-DC Switching Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2738XMY Datasheet(HTML) 3 Page - Texas Instruments

  LM2738XMY Datasheet HTML 1Page - Texas Instruments LM2738XMY Datasheet HTML 2Page - Texas Instruments LM2738XMY Datasheet HTML 3Page - Texas Instruments LM2738XMY Datasheet HTML 4Page - Texas Instruments LM2738XMY Datasheet HTML 5Page - Texas Instruments LM2738XMY Datasheet HTML 6Page - Texas Instruments LM2738XMY Datasheet HTML 7Page - Texas Instruments LM2738XMY Datasheet HTML 8Page - Texas Instruments LM2738XMY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3
LM2738
www.ti.com
SNVS556C – APRIL 2008 – REVISED JANUARY 2016
Product Folder Links: LM2738
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
(1)
I = Input, O = Output, and PWR = Power
5 Pin Configuration and Functions
NGQ Package
8-Pin WSON With Exposed Thermal Pad
Top View
DGN Package
8-Pin MSOP-PowerPAD
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
BOOST
I
Boost voltage that drives the internal NMOS control switch. A bootstrap capacitor is
connected between the BOOST and SW pins.
2
VIN
PWR
Supply voltage for output power stage. Connect a bypass capacitor to this pin. Must tie pins
2 and 3 together at package.
3
VCC
I
Input supply voltage of the device. Connect a bypass capacitor to this pin. Must tie pins 2
and 3 together at the package.
4
EN
I
Enable control input. Logic high enables operation. Do not allow this pin to float or be greater
than VIN + 0.3 V.
5, 7
GND
PWR
Signal and power ground pins. Place the bottom resistor of the feedback network as close as
possible to these pins.
6
FB
I
Feedback pin. Connect FB to the external resistor divider to set output voltage.
8
SW
O
Output switch. Connects to the inductor, catch diode, and bootstrap capacitor.
DAP
GND
Signal and power ground. Must be connected to GND on the PCB.


Similar Part No. - LM2738XMY

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2738XMY NSC-LM2738XMY Datasheet
605Kb / 28P
   550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
LM2738XMYX NSC-LM2738XMYX Datasheet
605Kb / 28P
   550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
More results

Similar Description - LM2738XMY

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2738 NSC-LM2738 Datasheet
605Kb / 28P
   550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
logo
Texas Instruments
LM2738 TI-LM2738_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM2738 550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
logo
Eutech Microelectronics...
EUP3291 EUTECH-EUP3291 Datasheet
736Kb / 1P
   1.5A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Texas Instruments
LM2833 TI1-LM2833 Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Switching Regulator
logo
National Semiconductor ...
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
L5971 STMICROELECTRONICS-L5971 Datasheet
96Kb / 11P
   1.5A STEP DOWN SWITCHING REGULATOR
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
L4971 STMICROELECTRONICS-L4971_05 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com