Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAF400F280-3.3 Datasheet(PDF) 1 Page - DENSEI-LAMBDA

Part # PAF400F280-3.3
Description  DC-DC Module 400W
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

PAF400F280-3.3 Datasheet(HTML) 1 Page - DENSEI-LAMBDA

  PAF400F280-3.3 Datasheet HTML 1Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
104
1. Input voltage range
2. Output voltage range
3. Parallel operation
4. Line regulation
5. Load regulation
6. Cooling
7. Operating ambient
temperature
8. Withstand voltage
9. Safety standard
10. CE marking
11. Functions
200 ~ 400VDC
1.8V type : 1.0 ~ 2.6V , 3.3V type : 2.2 ~ 4.2V, 5V type : 2.9 ~ 6.0V
Possible
1.8V type : 6mV , 3.3V type : 10mV , 5V type : 15mV
1.8V type : 6mV , 3.3V type : 10mV , 5V type : 15mV
Conduction cooling
-20°C ~ +85°C (Baseplate) Ambient temperature min=-20°C
Output Derating : -20 ~ +85°C (Baseplate) 100%
Input-output : 3kVAC (20mA) , Input-chassis : 2.5kVAC (20mA) , Output-chassis : 500VAC (100mA) for 1 min
Approved by UL1950 , CSA950(C-UL)
and EN60950(BSI)
Conforms to low voltage directive
OVPTRM, OVPALM, IMON, TRIM, PC, IOG, AUX
PAF400F280-SERIES
DC-DC Module 400W
Model name
PAF 400 F 280-1.8
Features
Full-brick type DC-DC Power Module
Dynamic load fast response type
Application examples
Main frame computer Large scale multi-purpose
computer
High-end server
Enriched functions
OVP trim(OVPTRM)
OVP alarm(OVPALM)
Output current monitor(IMON)
Output current trim(TRIM)
Parallel run(PC) INV operation monitor(IOG)
PS for external signal(AUX)
Series Name
Output
Wattage
Nominal
output voltage
Specifications
2 year warranty
Product lineup
1.8V
3.3V
5V
100A
100A
80A
240W
390W
450W
Model name
Output voltage
Output current
Output power
UL
CSA
EN
Nominal input
voltage
Function
F: Full function
(Unit: mm)
Note 1: Input terminal, Signal Pin(SG, CNT).....4-ø1
Note 2: Output terminal.....................................8-ø2
Note 3: Others.................................................10- 0.64
: Safety standard approved
Request customer specification for further details of specifications, outline,
characteristics, etc.Read the instruction manual before usage.
Contact us about delivery before ordering.
Outline drawing
PAF400F280-1.8
PAF400F280-3.3
PAF400F280-5
Recommended Heatsink
P213
GO!!


Similar Part No. - PAF400F280-3.3

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PAF450F280-12 TDK-PAF450F280-12 Datasheet
170Kb / 2P
   DC-DC Converters
PAF450F280-12-T TDK-PAF450F280-12-T Datasheet
170Kb / 2P
   DC-DC Converters
PAF450F280-12/T TDK-PAF450F280-12/T Datasheet
170Kb / 2P
   DC-DC Converters
PAF450F280-24 TDK-PAF450F280-24 Datasheet
170Kb / 2P
   DC-DC Converters
PAF450F280-24-T TDK-PAF450F280-24-T Datasheet
170Kb / 2P
   DC-DC Converters
More results

Similar Description - PAF400F280-3.3

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DIM3R3400 DELTA-DIM3R3400 Datasheet
750Kb / 16P
   400W DC/DC Power Modules
Q48SC12033 DELTA-Q48SC12033 Datasheet
1Mb / 28P
   400W DC/DC Power Modules
logo
List of Unclassifed Man...
TC-1U40 ETC2-TC-1U40 Datasheet
254Kb / 5P
   DC output 400w maximum
logo
Dubilier
ZKS-400WX-A DUBILIER-ZKS-400WX-A Datasheet
64Kb / 1P
   400W AC-DC ATX Power Supply supports 400W AC-DC ATX Power Supply supports
logo
Toppower Electronic Tec...
TP300DF TOPPOWER-TP300DF Datasheet
656Kb / 3P
   300W~400W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
logo
CINCON ELECTRONICS Corp...
CFB400W CINCON-CFB400W Datasheet
196Kb / 2P
   400W WATTS 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Vicor Corporation
V300B5C200A VICOR-V300B5C200A Datasheet
183Kb / 8P
   DC-DC Converter Module
V24B12M150BL2 VICOR-V24B12M150BL2 Datasheet
851Kb / 15P
   DC-DC Converter Module
V300C24T150BL3 VICOR-V300C24T150BL3 Datasheet
817Kb / 13P
   DC-DC Converter Module
V300A5H400BL VICOR-V300A5H400BL Datasheet
818Kb / 13P
   DC-DC Converter Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com