Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW-226-PIN Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-226-PIN
Description  GaAs SPDT Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-226-PIN Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-226-PIN_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-226-PIN_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-226-PIN_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW-226-PIN_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SW-226-PIN_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GaAs SPDT Switch
DC - 4 GHz
Rev. V6
SW-226/227/228– PIN
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Terminated (SW-226-PIN), High Isolation
(SW-227-PIN), Low Loss (SW-228-PIN)
 Fast Switching Speed: 6 nS Typical
 Ultra Low DC Power Consumption
 Lead-Free 7-Lead Ceramic Package
 RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s SW-226/227/228-PIN are GaAs MMIC
SPDT switches packaged in lead-free, surface
mount CR-2 ceramic style packages. The SW-226-
PIN is a terminated SPDT. The SW-227-PIN offers
high isolation. The SW-228-PIN offers low insertion
loss. This ceramic switch platform has a common
footprint for all three designs. The CR-2 package is
hermetically sealed, making these switches ideal for
space, military radios, and other environmentally
harsh applications.
Typical applications include synthesizer switching,
transmit/receive switching, switch matrices and filter
banks in systems such as radio and cellular
equipment, PCM, GPS, and fiber optic modules.
The SW-226/227/228-PIN are fabricated as mono-
lithic GaAs MMICs using a 1.0 micron MESFET
process.
Ordering Information
Part Number
Package
SW-226-PIN
Ceramic (CR-2)
SW-227-PIN
Ceramic (CR-2)
SW-228-PIN
Ceramic (CR-2)
Block Diagram/Pin Configuration
SW-226-PIN 3
A1
B1
B2
A2
RF1
RF2
50
50
RF Common
A1
B1
B2
A2
RF1
RF2
RF Common
Block Diagram/Pin Configuration
SW-227-PIN 3
Block Diagram/Pin Configuration
SW-228-PIN 3
Absolute Maximum Ratings 1,2
Parameter
Absolute Maximum
Input Power
0.05 GHz
0.5 - 4.0 GHz
+27 dBm
+34 dBm
Control Voltage
-8.5 V < Vc < +5 V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.
A1
N/C
N/C
B1
RF1
RF2
RF Common
N/C = No Connection
3. Bottom of case is RF ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - SW-226-PIN_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-226-PIN MACOM-SW-226-PIN Datasheet
141Kb / 4P
   GaAs SPDT Switch DC - 4 GHz
logo
M/A-COM Technology Solu...
SW-226-PIN MA-COM-SW-226-PIN Datasheet
87Kb / 4P
   GaAs SPDT Switch DC - 4 GHz
More results

Similar Description - SW-226-PIN_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008075 MA-COM-MASW-008075 Datasheet
105Kb / 3P
   GaAs SPDT Switch
SW-456_V5 MA-COM-SW-456_V5 Datasheet
83Kb / 4P
   GaAs SPDT Switch
MASW4030G MA-COM-MASW4030G Datasheet
75Kb / 4P
   GaAs SPDT Switch
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
   GaAs SPDT Switch
MASW-008322-V3 MA-COM-MASW-008322-V3 Datasheet
164Kb / 4P
   GaAs SPDT Switch
MASW-008899 MA-COM-MASW-008899 Datasheet
148Kb / 4P
   GaAs SPDT Switch
MASW-008322_V3 MA-COM-MASW-008322_V3 Datasheet
164Kb / 4P
   GaAs SPDT Switch
MASWSS0136 MA-COM-MASWSS0136_15 Datasheet
596Kb / 4P
   GaAs SPDT Switch
MASWSS0176 MA-COM-MASWSS0176_15 Datasheet
639Kb / 4P
   GaAs SPDT Switch
MASWSS0157 MA-COM-MASWSS0157_15 Datasheet
615Kb / 5P
   GaAs SPDT Switch
MASW-008322 MA-COM-MASW-008322 Datasheet
633Kb / 5P
   GaAs SPDT Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com