Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW05-0311 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW05-0311
Description  Matched GaAs SPST Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW05-0311 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW05-0311_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW05-0311_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW05-0311_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW05-0311_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SW05-0311_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Matched GaAs SPST Switch,
DC-3.0 GHz with TTL/CMOS Control Input
Rev. V6
SW05-0311
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Integral TTL Driver
 Low DC Power Consumption
 Surface Mount Package
 Low Cost/High Performance
 50 Ohm Nominal Impedance
 Lead-Free CR-9 Package
 260°C Reflow Compatible
 RoHS* Compliant
Description
M/A-COM’s SW05-0311 is a GaAs FET SPST ab-
sorptive switch with integral silicon ASIC driver.
Packaged in a 16-lead ceramic surface mount pack-
age, this device offers excellent performance and
repeatability from DC to 3 GHz while maintaining low
power consumption. The SW05-0311 is ideally
suited for use where fast speed, low power con-
sumption and broadband applications are required.
Ordering Information
Part Number
Package
SW05-0311
Bulk Packaging
SW05-0311TR
1000 piece reel
MASW-008843-0001TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Block Diagram
Pin Configuration
Pin No.
Function
Pin No.
Function
1
Vee
9
GND
2
GND
10
GND
3
GND
11
GND
4
GND
12
RF2
5
RF1
13
GND
6
GND
14
GND
7
GND
15
Vcc
8
GND
16
C1
The metal bottom of the case must be connected to RF and DC
ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
GND
GND
GND
RF2
GND
GND
GND
GND
GND
RF1
GND
GND
GND Orientation Mark
Vee
Vcc
C1


Similar Part No. - SW05-0311_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW05-0311TR MA-COM-SW05-0311TR Datasheet
107Kb / 4P
   Matched GaAs SPST Switch, DC-3.0 GHz with TTL/CMOS Control Input
More results

Similar Description - SW05-0311_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-231-PIN-V4 MA-COM-SW-231-PIN-V4 Datasheet
204Kb / 3P
   Matched GaAs SPST Switch
SW-209 MA-COM-SW-209 Datasheet
108Kb / 3P
   Matched GaAs SPST Switch
logo
Tyco Electronics
SW-231 MACOM-SW-231 Datasheet
97Kb / 2P
   Matched GaAs SPST Switch 5 - 4000 MHz
SW-215-PIN MACOM-SW-215-PIN Datasheet
138Kb / 3P
   Matched GaAs SPST Switch, 5 - 3000 MHz
logo
M/A-COM Technology Solu...
SW-231-PIN MA-COM-SW-231-PIN Datasheet
59Kb / 3P
   Matched GaAs SPST Switch, 5 - 4000 MHz
SW-215-PIN MA-COM-SW-215-PIN Datasheet
57Kb / 3P
   Matched GaAs SPST Switch, 5 - 3000 MHz
logo
Tyco Electronics
SW-209 MACOM-SW-209 Datasheet
101Kb / 2P
   Matched GaAs SPST Switch DC - 3 GHz
SW-215 MACOM-SW-215 Datasheet
68Kb / 2P
   Matched GaAs SPST Switch 5 - 3000 MHZ
logo
M/A-COM Technology Solu...
SW-209 MA-COM-SW-209 Datasheet
108Kb / 3P
   Matched GaAs SPST Switch DC - 3.0 GHz
MASW6020G MA-COM-MASW6020G Datasheet
69Kb / 4P
   GaAs SPST Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com