Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS4012-102NLC Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # LPS4012-102NLC
Description  1.5A Single Flash LED Driver IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LPS4012-102NLC Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button LPS4012-102NLC Datasheet HTML 6Page - Skyworks Solutions Inc. LPS4012-102NLC Datasheet HTML 7Page - Skyworks Solutions Inc. LPS4012-102NLC Datasheet HTML 8Page - Skyworks Solutions Inc. LPS4012-102NLC Datasheet HTML 9Page - Skyworks Solutions Inc. LPS4012-102NLC Datasheet HTML 10Page - Skyworks Solutions Inc. LPS4012-102NLC Datasheet HTML 11Page - Skyworks Solutions Inc. LPS4012-102NLC Datasheet HTML 12Page - Skyworks Solutions Inc. LPS4012-102NLC Datasheet HTML 13Page - Skyworks Solutions Inc. LPS4012-102NLC Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AAT1274
1.5A Single Flash LED Driver IC
DATA SHEET
10
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201981A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 21, 2012
Movie mode operation is controlled entirely by the
AS2Cwire interface via the EN/SET pin. The FLEN signal
will override movie-mode AAT1274 operation when tog-
gled to a logic high level. The part will not reenter movie
mode when FLEN is brought low. To reenter movie mode
after a flash event the part must be cycled off and back
on to reset the movie mode and reprogrammed via the
AS2Cwire interface to the desired movie mode operation.
Over-Voltage Protection
(Open Flash LED, Open Circuit)
The AAT1274 boost converter output is voltage limited by
internal overvoltage protection circuitry to prevent dam-
age to the device in the event an open LED or open circuit
condition occurs. During an open circuit condition, the
output voltage will rise to 5.5V (typical). The OVP circuit
disables the boost converter to prevent the output voltage
from rising above 5.5V. Once the open circuit condition is
removed, normal boost operation will resume.
Short Circuit Protection
The AAT1274 is equipped with an auto-disable feature
for the flash LED channel. After the IC is enabled and
system start up commences, a test current of 2-3mA
(typical) is forced through the sink channel. The channel
will be disabled if the voltage of the SINK pin does not
drop to a predetermined threshold. This feature is very
convenient for disabling the current sink in the event the
flash LED fails to a short circuit. This small test current
is added to the set output current in both Flash and
movie mode conditions.
Over-Temperature Protection
The AAT1274 has internal thermal
protection circuitry to
disable the device if the internal power dissipation exceeds
a preset thermal limit. The junction over-temperature
threshold is 140°C with 15°C of temperature hysteresis.
During flash or movie-mode operation, if an environmen-
tal condition, flash current sink, or the boost converter
causes the internal die temperature to rise above 140°C,
the boost converter will be shut down. The boost con-
verter output operation will automatically recover when
the over-temperature fault condition is removed.
Application Information
Flash Mode LED Current
Flash sink current can be programmed up to a maximum
of 1.5A. The maximum flash current is set by the RSET
resistor. For the desired flash current, the resistor value
can be calculated using the following equation:
162k
Ω × A
R
SET
162k
Ω
107k
Ω
I
FL =
=
= 1.5A
A flash event is initiated by asserting the FLEN pin. A
flash event is automatically terminated when FLEN is
deasserted. Any time that the FLINH pin is asserted, the
default movie-mode current level will appear at FL chan-
nel. The default movie mode current level will be main-
tained on FL as long as the FLINH and FLEN pins are
asserted. In addition to setting the flash current via RSET,
the flash current can be changed after FLEN is asserted
by programming the movie mode current register with
16 different steps.
AS2Cwire Control
of Movie Mode Operation
In the AAT1274 control of the movie mode operation is
managed by the Advanced Simple Serial Control (AS2Cwire)
interface. AS2Cwire relies on the number of rising edges
of the EN/SET pin to address and load internal data reg-
isters. Referring to Table 1:
 Address 0 controls the movie mode (MM) current level
as a percentage of the maximum movie mode current
level.
 Address 3 sets the maximum possible current for movie
mode operation. The maximum movie mode current is
set as a fraction of the flash current with a peak value
of 1/2 and default value of 1/7.3.
 The last column in Table 1 shows the default values for
each of the address registers.


Similar Part No. - LPS4012-102NLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS4012-102NL COILCRAFT-LPS4012-102NL Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS4012-102NL COILCRAFT-LPS4012-102NL Datasheet
204Kb / 2P
   Shielded Power Inductors ??LPS4012
LPS4012-102NL COILCRAFT-LPS4012-102NL Datasheet
204Kb / 2P
   Shielded Power Inductors ??LPS4012
LPS4012-102NL COILCRAFT-LPS4012-102NL Datasheet
204Kb / 2P
   Shielded Power Inductors ??LPS4012
More results

Similar Description - LPS4012-102NLC

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Texas Instruments
LM3639A TI-LM3639A Datasheet
518Kb / 28P
[Old version datasheet]   Single Chip 40V Backlight 1.5A Flash LED Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Shanghai awinic technol...
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
   High Efficiency, 1.5A Flash LED Driver
logo
Integrated Silicon Solu...
IS31BL3233A ISSI-IS31BL3233A Datasheet
456Kb / 13P
   2MHz, 1.5A FLASH/TORCH LED DRIVER
logo
Shanghai Consonance Ele...
CN5711 CONSONANCE-CN5711 Datasheet
167Kb / 8P
   1.5A High Brightness LED Driver IC
logo
Shanghai awinic technol...
AW3643 AWINIC-AW3643 Datasheet
2Mb / 39P
   High Efficiency, Dual 1.5A Flash LED Driver
AW36413 AWINIC-AW36413 Datasheet
2Mb / 37P
   High Efficiency, Dual 1.5A Flash LED Driver
AW36414 AWINIC-AW36414 Datasheet
2Mb / 39P
   High Efficiency, Dual Independent 1.5A Flash LED Driver
AW3644 AWINIC-AW3644 Datasheet
2Mb / 37P
   High Efficiency, Dual Independent 1.5A Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com