Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMT10-2-1211 Datasheet(PDF) 3 Page - SICK AG

Part # DMT10-2-1211
Description  LONG RANGE DISTANCE SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DMT10-2-1211 Datasheet(HTML) 3 Page - SICK AG

  DMT10-2-1211 Datasheet HTML 1Page - SICK AG DMT10-2-1211 Datasheet HTML 2Page - SICK AG DMT10-2-1211 Datasheet HTML 3Page - SICK AG DMT10-2-1211 Datasheet HTML 4Page - SICK AG DMT10-2-1211 Datasheet HTML 5Page - SICK AG DMT10-2-1211 Datasheet HTML 6Page - SICK AG DMT10-2-1211 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMT10-2-1211 | DMT
LONG RANGE DISTANCE SENSORS
2016-03-17 13:18:11 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3
Mechanics/electronics
Supply voltage Vs
DC 18 V ... 30 V, limit values
Ripple
< 5 Vpp 1)
Power consumption
≤ 6 W 2)
Initialization time
6 s
Connection type
1 x terminal connection, 1 x Sub D, 9-pin
Weight
Approx. 1,200 g
Output current IA
100 mA
1) May not fall short of or exceed VS tolerances.
2) Without load.
Ambient data
Enclosure rating
IP 65
Protection class
III 1)
Electromagnetic compatibility (EMC)
EN 55011:1998 Kl. B, Gr.1
EN 61000-6-2
Ambient temperature
Operation: –10 °C ... +55 °C
Operation with cooling case: –10 °C ... +75 °C
Storage: –25 °C ... +70 °C
Temperature drift
Typ. 0.6 mm/K 2)
Typ. 0.3 mm/K 3)
Mechanical load
Shock: (IEC 60068-2-27, –2-29)
Sine: (IEC 60068-2-6)
1) Reference voltage DC 50 V PELV-voltage (EN 50178)
2) -10° C ... 0° C, +40 °C ... +55 °C.
3) 0 °C ... +40 °C.


Similar Part No. - DMT10-2-1211

ManufacturerPart #DatasheetDescription
logo
SICK AG
DMT10-2-1213 SICK-DMT10-2-1213 Datasheet
601Kb / 7P
   LONG RANGE DISTANCE SENSORS
More results

Similar Description - DMT10-2-1211

ManufacturerPart #DatasheetDescription
logo
SICK AG
DL100-22AA2102 SICK-DL100-22AA2102 Datasheet
1Mb / 8P
   LONG RANGE DISTANCE SENSORS
DME4000-119 SICK-DME4000-119 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DME4000-314 SICK-DME4000-314 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME4000-327 SICK-DME4000-327 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-123 SICK-DME5000-123 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-212 SICK-DME5000-212 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-11AA2110 SICK-DL100-11AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2101 SICK-DL100-12AA2101 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2110 SICK-DL100-12AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-13HA2112 SICK-DL100-13HA2112 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-21AA2109 SICK-DL100-21AA2109 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com