Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JWT100-5FF Datasheet(PDF) 1 Page - DENSEI-LAMBDA

Part # JWT100-5FF
Description  Triple output 75 ~ 100W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

JWT100-5FF Datasheet(HTML) 1 Page - DENSEI-LAMBDA

  JWT100-5FF Datasheet HTML 1Page - DENSEI-LAMBDA JWT100-5FF Datasheet HTML 2Page - DENSEI-LAMBDA JWT100-5FF Datasheet HTML 3Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
41
JWT75-522
JWT75-5FF
JWT75-525
JWT100-522
JWT100-5FF
JWT100-525
CH1(V1)
CH2(V2)
CH3(V3)
CH1(V1)
CH2(V2)
CH3(V3)
CH1(V1)
CH2(V2)
CH3(V3)
CH1(V1)
CH2(V2)
CH3(V3)
CH1(V1)
CH2(V2)
CH3(V3)
CH1(V1)
CH2(V2)
CH3(V3)
5V
+12V
–12V
5V
+15V
–15V
5V
+12V
–5V
5V
+12V
–12V
5V
+15V
–15V
5V
+12V
–5V
0.8
~ 8.0A
0
~ 4.0A
0
~ 0.5A
0.8
~ 8.0A
0
~ 3.2A
0
~ 0.5A
0.8
~ 8.0A
0
~ 4.0A
0
~ 0.5A
1.3
~ 13.0A
0
~ 5.5A
0
~ 1.0A
1.3
~ 13.0A
0
~ 4.5A
0
~ 1.0A
1.3
~ 13.0A
0
~ 5.5A
0
~ 1.0A
40W
48W
6W
40W
48W
7.5W
40W
48W
2.5W
65W
66W
12W
65W
67.5W
15W
65W
66W
5W
75W
75W
75W
100W
100W
100W
JWT75
JWT100
Model
Output
Channel
Output
Voltage
Output
Current
Output
Power/ch
Total output
Power
Safety Standard
EN60950
UL1950
CSA950
1. Input voltage range
2. Power Factor
3. Cooling
4. Operating Temperature
5. Withstand voltage
6. Conducted
emission noise
7. Radiated emission noise
8. PFHC
9. Safety standard
10. Functions
11. Option
85 ~ 265VAC (47 ~ 63Hz) Universal input
0.99 (typ) at 100VAC Full load, 0.93 (typ) at 200VAC Full load
Convection cooling
Open frame type: –10 ~ +65°C (–10 ~ +50°C: 100%, +65°C: 50%)
JWT75 with cover type: –10 ~ +55°C (–10 ~ +45°C: 100%, +55°C: 60%)
JWT100 with cover type: –10 ~ +50°C (–10 ~ +40°C: 100%, +50°C: 60%)
Input to output: 3kVAC (20mA) for 1 min., Input to FG: 2kVAC (20mA) for 1 min.
Output to FG: 500VAC (100mA) for 1 min.
Built to meet EN55011-B, EN55022-B, FCC class B, VCC I class B
Built to meet EN55011-B, EN55022-B, FCC class B, VCC I class B
Built to meet EN61000-3-2
Approved to UL1950
, CSA950(C-UL)
, EN60950 (TUV)
and VDE0160(TUV)
OVP (V1 only), OCP
Remote ON/OFF control, Cover, Input & output connector terminals
JWT-SERIES
Triple output 75 ~ 100W
Model name
JWT75 - 522 /
Features
marking
Meet to Low Voltage Directive: Approved by EN60950
Machinery Directive (Approved by VDE0160)
Power Factor & Harmonic Correction (Built to meet EN61000-3-2)
Universal Input (85 ~ 265VAC)
EMI (Built to meet EN55011-B,EN55022-B,VCCI-B,FCC-B)
Remote ON/OFF control (Optional model)
Specifications
marked for Low Voltage Directive
Line-up
*Preload required 0.8A(ch1) on JWT75, 1.3A(ch1) on JWT100.
Series name
Max. output power
Nominal
output voltage
R: With remote
ON/OFF control
Blank: Standard open frame & terminal block
A: With Cover & terminal block
B: Open frame & connectors
C: With cover & connectors
: Safety standard approved


Similar Part No. - JWT100-5FF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
JWT100-5FF TDK-JWT100-5FF Datasheet
1Mb / 10P
   Triple Output 75W, 100W
JWT100-5FF TDK-JWT100-5FF Datasheet
205Kb / 2P
   AC-DC Power Supplies
JWT100-5FF-A TDK-JWT100-5FF-A Datasheet
205Kb / 2P
   AC-DC Power Supplies
JWT100-5FF-B TDK-JWT100-5FF-B Datasheet
205Kb / 2P
   AC-DC Power Supplies
JWT100-5FF-C TDK-JWT100-5FF-C Datasheet
205Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - JWT100-5FF

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
SWT30 LAMBDA-SWT30 Datasheet
150Kb / 2P
   Triple output 30W ~ 100W
logo
TDK Electronics
JWT75-522 TDK-JWT75-522 Datasheet
1Mb / 10P
   Triple Output 75W, 100W
logo
Mean Well Enterprises C...
TP-100 MEANWELL-TP-100_10 Datasheet
331Kb / 2P
   100W Triple Output with PFC Function
logo
RSG Electronic Componen...
TP-100 RSG-TP-100 Datasheet
143Kb / 2P
   100W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-100 MEANWELL-TP-100 Datasheet
322Kb / 2P
   100W Triple Output with PFC Function
logo
SL Power Electronics
FLU3-100 SLPOWER-FLU3-100 Datasheet
484Kb / 4P
   100W TRIPLE OUTPUT SWITCHING POWER SUPPLIES
logo
Astrodyne Corporation
TP100 ASTRODYNE-TP100 Datasheet
303Kb / 4P
   100W Triple Output with PFC Function
TP-100 ASTRODYNE-TP-100 Datasheet
350Kb / 2P
   100W Triple Output with PFC Function
logo
Astec America, Inc
ALH25 ASTEC-ALH25 Datasheet
679Kb / 2P
   100W Output loadsharing
logo
MicroPower Direct, LLC
LDC-100 MPD-LDC-100 Datasheet
1Mb / 4P
   100W Output Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com