Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KS15 Datasheet(PDF) 1 Page - DENSEI-LAMBDA

Part No. KS15
Description  Single output 5W ~ 15W AC-DC on-board type power supply
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LAMBDA [DENSEI-LAMBDA]
Homepage  http://www.global.tdk.com/
Logo 

KS15 Datasheet(HTML) 1 Page - DENSEI-LAMBDA

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
125
KS5-5
KS5-12
KS10-5
KS10-12
KS15-5
KS15-12
KS5
KS10
KS15
5V
12V
5V
12V
5V
12V
1.0A
0.45A
2.0A
0.9A
3.0A
1.3A
5.0W
5.4W
10.0W
10.8W
15.0W
15.6W
Model
Type
Output voltage
Output current
Output power
UL
CSA
1. Input voltage range
2. Output voltage range
3. Cooling
4. Operating temperature
(Standard mounting)
5. Withstand voltage
6. Safety standard
7. EMI
8. Functions
85 ~ 132VAC(47 ~ 440Hz), 110 ~ 175VDC
Fixed
Convection cooling
–10 ~ +70°C
–10°C: 80%, 0 ~ +50°C: 100%, +60°C: 60%, +70°C: 25%
Input–output, input–FG: 2kVAC, output–FG: 500VAC for 1 min.
Approved by UL1950
,CSA950
(KS10: Approved by CSA234
)
Conforms to FCC class B and VCCI-class A
Over voltage protection (Zener diode clamp), Over current protection
Model name
KS 15-5
Features
Compact on-board type AC-DC power supply
Input 85 ~ 132VAC
Wide Variation
Output power: 5W, 10W, 15W types
Output voltage: 5V, 12V, 15V types
Over current and Over voltage protection
1 year warranty
Name of series
Nominal output power
Nominal output voltage
Specifications
1 year warranty
Product lineup
Outline drawing
: Safety standard approved
Request customer specification for further details of specifications, outline, characteristics, etc.
Read the instruction manual before usage.
Contact us about delivery before ordering.
KS-SERIES
Single output 5W ~15W
AC-DC on-board type power supply
KS5
KS10
KS15
(Unit: mm)
KS5
KS10
KS15
Terminal assignments
*1 FG
*2 AC (N)
*3 AC (L) ]
INPUT
*4 –V
*5 +V ]
OUTPUT
Case: Plastic (UL94V-0)


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn