Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6PCIEB24 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6PCIEB24
Description  1:4 PCI Express Clock Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6PCIEB24 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6PCIEB24 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6PCIEB24 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6PCIEB24 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6PCIEB24 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6PCIEB24 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6PCIEB24 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6PCIEB24 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.pericom.com
PS9070A
09/01/10
PI6PCIEB24
1:4 PCI Express® Clock Driver
Absolute Maximum Ratings (Over operating free-air temperature range)
Symbol
Parameters
Min.
Max.
Units
VDD_A
3.3V Core Supply Voltage
-0.5
4.6
V
VDD
3.3V I/O Supply Voltage
-0.5
4.6
VIH
Input High Voltage
4.6
VIL
Input Low Voltage
-0.5
Ts
Storage Temperature
-65
150
°C
VESD
ESD Protection
2000
V
Stress beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
DC Electrical Characteristics (VDD = 3.3±5%, VDD_A = 3.3±5%)
Symbol
Parameters
Condition
Min.
Max.
Units
VDD_A
3.3V Core Supply Voltage
3.135
3.465
V
VDD
3.3V I/O Supply Voltage
3.135
3.465
VIH
3.3V Input High Voltage
VDD
2.0
VDD + 0.3
VIL
3.3V Input Low Voltage
VSS – 0.3
0.8
IIK
Input Leakage Current
0 < VIN < VDD
-5
+5
μA
IOH
Output High Current
IOH = 6 x IREF,
IREF = 2.32mA
12.2
mA
15.6
CIN
Input Pin Capacitance
3
5
pF
COUT
Output Pin Capacitance
6
LPIN
Pin Inductance
7
nH
IDD
Power Supply Current
VDD = 3.465V, FCPU = 100MHz
200
mA
ISS
Power Down Current
Driven outputs
40
TA
Ambient Temperature
-45
85
°C
10-0210


Similar Part No. - PI6PCIEB24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI60-04-FPIZ ETC2-PI60-04-FPIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS B uck Regulator
logo
AMI SEMICONDUCTOR
PI6049A AMI-PI6049A Datasheet
977Kb / 13P
   Contact Image Sensor
PI6050D AMI-PI6050D Datasheet
1Mb / 15P
   Contact Image Sensor
logo
NIKO SEMICONDUCTOR CO.,...
PI608BZ NIKOSEM-PI608BZ Datasheet
369Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
AMI SEMICONDUCTOR
PI616MC-AS AMI-PI616MC-AS Datasheet
2Mb / 22P
   600DPI Image Sensor (CIS) PCB
More results

Similar Description - PI6PCIEB24

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C20400 PERICOM-PI6C20400 Datasheet
430Kb / 10P
   1:4 Clock Driver for Intel PCI Express Chipsets
PI6C20400S PERICOM-PI6C20400S Datasheet
465Kb / 10P
   1 4 Clock Driver for Intel PCI Express Chipsets
PI6C20400 PERICOM-PI6C20400_08 Datasheet
400Kb / 10P
   1:4 Clock Driver for Intel PCI Express Chipsets
PI6C20800 PERICOM-PI6C20800 Datasheet
399Kb / 10P
   1:8 Clock Driver for Intel PCI Express Chipsets
PI6C21200 PERICOM-PI6C21200 Datasheet
674Kb / 15P
   1:12 Clock Driver for Intel PCI-Express Chipsets
PI6C20800 PERICOM-PI6C20800_12 Datasheet
596Kb / 10P
   1:8 Clock Driver for Intel PCI Express Chipsets
PI6C557-03 PERICOM-PI6C557-03 Datasheet
468Kb / 8P
   PCI Express Clock
logo
Diodes Incorporated
PI6C557-03 DIODES-PI6C557-03 Datasheet
926Kb / 10P
   PCI Express Clock
October 2020
logo
Pericom Semiconductor C...
PI6C20800S PERICOM-PI6C20800S_10 Datasheet
619Kb / 10P
   PCI Express 1:8 HCSL Clock Buffer
logo
Integrated Device Techn...
ICS841S01 IDT-ICS841S01 Datasheet
285Kb / 16P
   PCI EXPRESS??CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com