Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6LC4820 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6LC4820
Description  HiFlex Ethernet Network Clock Generator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4820 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6LC4820 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
PI6LC4820 Rev D
11/13/13
PI6LC4820
HiFlexTM Ethernet Network Clock Generator
Operating Conditions
Symbol
Parameters
Min.
Max.
Units
VDD
General Power Supply Voltage
3.0
3.6
V
TA
Ambient Temperature
–40
85
°C
IDD
Power Supply Current
All outputs loaded
425
mA
IDD_A
Power Supply Current for pin10
13
IDD_PLL
Power Supply Current for pin12
30
VDDA
Analog Power Supply Voltage
2.7
3.6
V
VDD_PLL
PLL Power Supply Voltage
2.7
3.6
LVCMOS Input Electrical Characteristics
Symbol Parameters
Conditions
Min.
Typ.
Max.
Units
VIH
Input High Voltage
FS0, FS1
2
V
VIL
Input Low Voltage
0.8
V
VIH
Input High Current
IN_SEL, PLL_BYPS,
FS_A, FS_B, FS_C,
QA_Mode, QB_Mode,
QC_Mode
2.6
V
VIL
Input Low Current
0.8
V
IIH
Input High Current
VIN = VDD
45
m
A
IIL
Input Low Current
VIN = 0V
-45
m
A
Rpu
Internal pull up resistance
100
KW
Rdn
Internal pull down resistance
100
KW
TDC
Input Duty Cycle
35
65
%
CIN
Input Capacitance1
1.5
pF
FIN
Input Frequency
15
160
MHz
Note:
1. There is no internal load capacitance built in to the X1 and X2 pins
Storage Temperature.......................................................... –65°C to +150°C
Supply Voltage to Ground Potential, VDD ......................–0.5V to +4.6V
ESD Protection (HBM) ..................................................................... 2000 V
Note: Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
13-0167


Similar Part No. - PI6LC4820

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC4830 PERICOM-PI6LC4830 Datasheet
1Mb / 11P
   HiFlex Network Clock Generator
PI6LC4830ZHE PERICOM-PI6LC4830ZHE Datasheet
1Mb / 11P
   HiFlex Network Clock Generator
PI6LC4833 PERICOM-PI6LC4833 Datasheet
1,018Kb / 13P
   Clock Generator for Power PC
PI6LC4833ZBIE PERICOM-PI6LC4833ZBIE Datasheet
1,018Kb / 13P
   Clock Generator for Power PC
PI6LC4840 PERICOM-PI6LC4840 Datasheet
857Kb / 10P
   Crystal to LVDS/LVCMOS Frequency Synthesizer
More results

Similar Description - PI6LC4820

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48S25A PERICOM-PI6LC48S25A Datasheet
1Mb / 16P
   Next Generation HiFlex Ethernet Network Clock Generator
logo
Diodes Incorporated
PI6LC58S1101 DIODES-PI6LC58S1101 Datasheet
1Mb / 17P
   11 Outputs HiFlex??Ethernet Network Clock Generator
March 2020
logo
Pericom Semiconductor C...
PI6LC4830 PERICOM-PI6LC4830 Datasheet
1Mb / 11P
   HiFlex Network Clock Generator
PI6LC48P0101 PERICOM-PI6LC48P0101 Datasheet
1Mb / 9P
   HiFlex 10GbE Clock Generator
PI6C557-10 PERICOM-PI6C557-10 Datasheet
378Kb / 6P
   Network Clock Generator
logo
Analog Devices
AD9574 AD-AD9574 Datasheet
873Kb / 35P
   Ethernet/Gigabit Ethernet Clock Generator
logo
Pericom Semiconductor C...
PI6LC48S04 PERICOM-PI6LC48S04 Datasheet
1Mb / 11P
   HiFlex Serial Interface Clock
logo
Maxim Integrated Produc...
MAX9489 MAXIM-MAX9489 Datasheet
176Kb / 11P
   Multiple-Output Network Clock Generator
Rev 0; 8/04
logo
Analog Devices
AD9575 AD-AD9575 Datasheet
316Kb / 16P
   Network Clock Generator, Two Outputs
REV. 0
AD9571 AD-AD9571 Datasheet
367Kb / 20P
   Ethernet Clock Generator, 10 Clock Outputs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com