Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6LC48P0405LIE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6LC48P0405LIE
Description  4-Output LVPECL Networking Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P0405LIE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI6LC48P0405LIE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48P0405LIE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P0405LIE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P0405LIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P0405LIE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P0405LIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P0405LIE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48P0405LIE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48P0405LIE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.pericom.com
PI6LC48P0405
Rev.A
09/01/15
PI6LC48P0405
4-Output LVPECL Networking Clock Generator
Recommendations for Unused Input and Output Pins
Inputs:
Crystal Inputs:
For applications not requiring the use of the crystal oscillator input, both XTAL_IN and XTAL_OUT can be left floating. A 1kΩ
resistor can be tied from XTAL_IN to ground for additional protection.
Ref_IN Input:
For applications not requiring the use of the clock, it can be left floating. A 1kΩ resistor tied from the Ref_IN to ground can provide
additional protection.
LVCMOS Control Pins:
All control pins have internal pulldowns; A 1kΩ resistor tied from each control pin to ground can provide additional protection.
Outputs:
LVPECL Outputs:
All unused LVPECL outputs can be left floating.
Crystal Input Interface
The clock generator has been characterized with 18pF parallel resonant crystals. The capacitor values shown in the figure below
were determined using a 25MHz, 18pF parallel resonant crystal and were chosen to minimize the ppm error.
C1
33pF
C2
27pF
XTAL_IN
XTAL_OUT
X1
18pF Parallel Crystal
15-0118


Similar Part No. - PI6LC48P0405LIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48P0401 PERICOM-PI6LC48P0401 Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
PI6LC48P0401LE PERICOM-PI6LC48P0401LE Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
PI6LC48P0401LIE PERICOM-PI6LC48P0401LIE Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
More results

Similar Description - PI6LC48P0405LIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48P0401 PERICOM-PI6LC48P0401 Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
PI6LC48P04 PERICOM-PI6LC48P04 Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
PI6LC48P0201 PERICOM-PI6LC48P0201 Datasheet
988Kb / 10P
   2-Output LVPECL Networking Clock Generator
PI6LC48P0201A PERICOM-PI6LC48P0201A Datasheet
962Kb / 10P
   2-Output LVPECL Networking Clock Generator
PI6LC48P03 PERICOM-PI6LC48P03 Datasheet
1Mb / 10P
   3-Output LVPECL Networking Clock Generator
PI6LC48P03A PERICOM-PI6LC48P03A Datasheet
1Mb / 10P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0301 PERICOM-PI6LC48P0301 Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0301A PERICOM-PI6LC48P0301A Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
PI6LC48L0201A PERICOM-PI6LC48L0201A Datasheet
925Kb / 10P
   2-Output LVDS Networking Clock Generator
PI6LC48L0201 PERICOM-PI6LC48L0201 Datasheet
946Kb / 10P
   2-Output LVDS Networking Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com