Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6LC48L0201LE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6LC48L0201LE
Description  2-Output LVDS Networking Clock Generator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48L0201LE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6LC48L0201LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.pericom.com
PI6LC48L0201
Rev. A
07/23/2013
PI6LC48L0201
2-Output LVDS Networking Clock Generator
Phase Noise Plots
f
OUT = 156.25MHz
f
OUT = 125MHz
f
OUT = 62.5MHz
13-0115


Similar Part No. - PI6LC48L0201LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48L0201A PERICOM-PI6LC48L0201A Datasheet
925Kb / 10P
   2-Output LVDS Networking Clock Generator
PI6LC48L0201AZHIE PERICOM-PI6LC48L0201AZHIE Datasheet
925Kb / 10P
   2-Output LVDS Networking Clock Generator
PI6LC48L0201AZHIEX PERICOM-PI6LC48L0201AZHIEX Datasheet
925Kb / 10P
   2-Output LVDS Networking Clock Generator
More results

Similar Description - PI6LC48L0201LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48L0201A PERICOM-PI6LC48L0201A Datasheet
925Kb / 10P
   2-Output LVDS Networking Clock Generator
PI6LC48P0201 PERICOM-PI6LC48P0201 Datasheet
988Kb / 10P
   2-Output LVPECL Networking Clock Generator
PI6LC48P0201A PERICOM-PI6LC48P0201A Datasheet
962Kb / 10P
   2-Output LVPECL Networking Clock Generator
PI6LC48P03 PERICOM-PI6LC48P03 Datasheet
1Mb / 10P
   3-Output LVPECL Networking Clock Generator
PI6LC48P03A PERICOM-PI6LC48P03A Datasheet
1Mb / 10P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0301 PERICOM-PI6LC48P0301 Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0401 PERICOM-PI6LC48P0401 Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
PI6LC48P0405 PERICOM-PI6LC48P0405 Datasheet
1Mb / 9P
   4-Output LVPECL Networking Clock Generator
PI6LC48P04 PERICOM-PI6LC48P04 Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
PI6C49003 PERICOM-PI6C49003 Datasheet
289Kb / 12P
   Networking Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com