Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6LC48H04LIE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6LC48H04LIE
Description  PCIe 3.0 and Ethernet Clock Generator with 4 HCSL Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48H04LIE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6LC48H04LIE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48H04LIE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48H04LIE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48H04LIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48H04LIE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48H04LIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48H04LIE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48H04LIE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48H04LIE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
www.pericom.com
PI6LC48H04
Rev.A
04/07/2015
All trademarks are property of their respective owners.
PI6LC48H04
Block Diagram
Phase
Lock
Loop
Crystal
Driver
VDDX
GNDX
XTAL_IN/CLK
XTAL_OUT
25 MHz
crystal or clock
Control
Logic
S[1:0]
2
Q0+
Q0-
VSWING_CTRL
Q3+
Q3-
Pulling
Capacitors
Q1+
Q1-
Q2+
Q2-
OE0&1
OE
VDDOA
GNDOA
Pin Configuration (20-Pin TSSOP)
VDDX
OE0&1
S0
S1
XTAL_IN/ CLK
XTAL_OUT
PD#
OE
GNDX
VSwing_Ctrl
Q0+
Q0-
Q1+
Q1-
GNDOA
VDDOA
Q2+
Q2-
Q3+
Q3-
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
Description
The PI6LC48H04 is a clock generator compliant to PCI Express®
3.0/2.0/1.0, Ethernet and other requirements. The device is used
for networking or embedded systems.
The PI6LC48H04 provides four differential (Low Power HCSL)
or LVDS outputs. Using Pericom's patented Phase Locked Loop
(PLL) techniques, the device takes a 25MHz crystal input and
produces four pairs of differential outputs (HCSL) at 156.25MHz,
100MHz, 125MHz, 133.33MHz and 200MHz clock frequencies.
Features
Î
Î
PCIe® 3.0/2.0/1.0 compliant
à
PCIe 3.0 Phase jitter - 0.45ps RMS (High Freq. Typ.)
Î
Î
LVDS compatible outputs
Î
Î
Supply voltage of 3.3V±5% and 2.5V±5%
Î
Î
25MHz crystal or clock input frequency
Î
Î
HCSL outputs, 0.7V low power differential pair
Î
Î
Jitter 35ps cycle-to-cycle (typ)
Î
Î
RMS phase jitter 12kHz ~ 20MHz @ 100MHz - 0.32ps (typ)
Î
Î
RMS phase jitter 12kHz ~ 20MHz @ 125MHz, 156.25MHz,
200MHz - 0.3ps (typ)
Î
Î
Industrial temperature range
Î
Î
Packaging: (Pb-free and Green)
à
20-pin TSSOP (L20)
PCIe® 3.0 and Ethernet Clock Generator with 4 HCSL Outputs
15-0047


Similar Part No. - PI6LC48H04LIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48H02 PERICOM-PI6LC48H02 Datasheet
960Kb / 9P
   PCIe 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs
PI6LC48H02LIE PERICOM-PI6LC48H02LIE Datasheet
960Kb / 9P
   PCIe 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs
More results

Similar Description - PI6LC48H04LIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C557-05B PERICOM-PI6C557-05B Datasheet
802Kb / 8P
   PCIe 3.0 Clock Generator with 4 HCSL Outputs
PI6C557-01B PERICOM-PI6C557-01B Datasheet
925Kb / 8P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-01BQ PERICOM-PI6C557-01BQ Datasheet
986Kb / 9P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6CFGL402B PERICOM-PI6CFGL402B Datasheet
943Kb / 8P
   Low Power PCIe 3.0 Clock Generator with 4 HCSL Outputs
PI6C557-05 PERICOM-PI6C557-05 Datasheet
819Kb / 9P
   PCIe 2.0 Clock Generator with 4 HCSL Outputs
PI6LC48H02 PERICOM-PI6LC48H02 Datasheet
960Kb / 9P
   PCIe 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs
PI6CFGL202B PERICOM-PI6CFGL202B Datasheet
931Kb / 8P
   Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
logo
Diodes Incorporated
PI6CFGL202B DIODES-PI6CFGL202B_V01 Datasheet
960Kb / 9P
   Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
May 2018
logo
Pericom Semiconductor C...
PI6C557-03ALE PERICOM-PI6C557-03ALE Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-03ALEX PERICOM-PI6C557-03ALEX Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com