Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7C4302 Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PT7C4302
Description  Real-time Clock Module (3-wire Interface)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4302 Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PT7C4302_15 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4302_15 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4302_15 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4302_15 Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4302_15 Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C4302_15 Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C4302_15 Datasheet HTML 12Page - Pericom Semiconductor Corporation PT7C4302_15 Datasheet HTML 13Page - Pericom Semiconductor Corporation PT7C4302_15 Datasheet HTML 14Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-11-0004
PT0225-6
11/25/15
10
PT7C4302
Real-time Clock Module (3-wire Interface)
a)
Trickle Charger Select
Control the selection of the trickle charger.
TCS
Data
Description
Read/
Write
Other patent
Disable the trickle charger
* Default 0101
1010
Enable the trickle charger
b)
Diode Select
Select whether one diode or two diodes are connected between VCC2 and VCC1.
DS
Data
Description
Read/
Write
00 or 11
The trickle charger is disabled independently of TCS.
* Default
01
One diode is selected.
10
Two diodes are selected.
c)
Resistor Select
Select whether one diode or two diodes are connected between VCC2 and VCC1.
RS
Data
Description
Read/
Write
00
No resistor.
* Default
01
R1 with typ. 2k
10
R2 with typ. 4k
11
R3 with typ. 8k
Communication
1.
3-wire Interface
a)
Command Byte
Figure 1 Command byte
The command byte is shown in Figure 1. Each data transfer is initiated by a command byte. The MSB (Bit 7) must be a logic 1. If
it is 0, writes to the PT7C4302 will be disabled. Bit 6 specifies clock/calendar data if logic 0 or RAM data if logic 1. Bits 1
through 5 specify the designated registers to be input or output, and the LSB (bit 0) specifies a write operation (input) if logic 0 or
read operation (output) if logic 1. The command byte is always input starting with the LSB (bit 0).
b)
RST and SCL Signal
All data transfers are initiated by driving the RST input high and terminated by driving the RST input low. A clock cycle is a
sequence of a falling edge followed by a rising edge. For data inputs, data must be valid during the rising edge of the clock and
data bits are output on the falling edge of clock. If the RST input is low all data transfer terminates and the SDA pin goes to a high
impedance state. Data transfer is illustrated in Figure 2 and Figure 3. At power-up, RST must be a logic 0 until VCC > 2.0V. Also
SCLK must be at a logic 0 when RST is driven to a logic 1 state.


Similar Part No. - PT7C4302_15

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4302P PERICOM-PT7C4302P Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302W PERICOM-PT7C4302W Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
More results

Similar Description - PT7C4302_15

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4302 PERICOM-PT7C4302 Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
logo
RICOH electronics devic...
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
RICOH electronics devic...
R2045S RICOH-R2045S Datasheet
636Kb / 50P
   4-wire Serial Interface Real Time Clock Module
logo
Epson Company
RTC-4553 EPSON-RTC-4553 Datasheet
111Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE WITH SRAM)
logo
Seiko Instruments Inc
S-35199A01 SII-S-35199A01 Datasheet
594Kb / 54P
   3-WIRE REAL-TIME CLOCK
S35192A SII-S35192A Datasheet
2Mb / 42P
   3-WIRE REAL-TIME CLOCK
S-35190A SII-S-35190A Datasheet
783Kb / 53P
   3-WIRE REAL-TIME CLOCK
S-35192A SII-S-35192A Datasheet
680Kb / 41P
   3-WIRE REAL-TIME CLOCK
logo
Epson ToYoCom
RX-4801SA EPSONTOYOCOM-RX-4801SA Datasheet
382Kb / 2P
   SERIAL-INTERFACE REAL TIME CLOCK MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com