Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SS403 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1SS403
Description  TOSHIBA Diode Silicon Epitaxial Planar Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS403 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1SS403_15 Datasheet HTML 1Page - Toshiba Semiconductor 1SS403_15 Datasheet HTML 2Page - Toshiba Semiconductor 1SS403_15 Datasheet HTML 3Page - Toshiba Semiconductor 1SS403_15 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1SS403
TOSHIBA Diode
Silicon Epitaxial Planar Type
1SS403
High Voltage Switching Applications
 AEC-Q101 Qualified (Note1)
 Two-pin small packages are suitable for higher mounting densities.
 Excellent in forward current and forward voltage
characteristics
: VF (2) = 0.90V (typ.)
 Fast reverse recovery time
: trr = 60ns (max)
 Small total capacitance
: CT = 1.5pF (typ.)
Note1: For detail information, please contact to our sales.
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Maximum (peak) reverse voltage
VRM
250
V
Reverse voltage
VR
200
V
Maximum (peak) forward current
IFM
300
mA
Average forward current
IO
100
mA
Surge current (10ms)
IFSM
2
A
Power dissipation
P
200 *
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55 to 125
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
*: When mounted on a glass epoxy board PCB: 20 mm × 20 mm,
with copper pad 4 mm × 4 mm.
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF (1)
IF = 10mA
0.72
1.0
V
VF (2)
IF = 100mA
0.90
1.2
Reverse current
IR (1)
VR = 50V
0.1
μA
IR (2)
VR = 200V
1.0
Total capacitance
CT
VR = 0, f = 1MHz
1.5
3.0
pF
Reverse recovery time
trr
IF = 10mA (Fig. 1)
10
60
ns
JEDEC
JEITA
TOSHIBA
1-1E1A
Weight: 0.0045g (typ.)
Unit: mm
Start of commercial production
1998-10
2015-01-09
1


Similar Part No. - 1SS403_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS403E TOSHIBA-1SS403E Datasheet
177Kb / 5P
   Switching Diodes Silicon Epitaxial Planar
1SS403 TOSHIBA-1SS403_07 Datasheet
179Kb / 4P
   High Voltage Switching Applications
More results

Similar Description - 1SS403_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
015AZ2.0 TOSHIBA-015AZ2.0 Datasheet
172Kb / 6P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS250 TOSHIBA-1SS250_14 Datasheet
204Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS272 TOSHIBA-1SS272_14 Datasheet
229Kb / 4P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS308 TOSHIBA-1SS308_14 Datasheet
231Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS314 TOSHIBA-1SS314_14 Datasheet
159Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
HN1D01FE TOSHIBA-HN1D01FE_14 Datasheet
248Kb / 4P
   TOSHIBA Diode Silicon Epitaxial Planar Type
HN1D01FU TOSHIBA-HN1D01FU_14 Datasheet
247Kb / 4P
   TOSHIBA Diode Silicon Epitaxial Planar Type
JDV2S06S TOSHIBA-JDV2S06S Datasheet
102Kb / 3P
   TOSHIBA DIODE Silicon Epitaxial Planar Type
JDV2S14E TOSHIBA-JDV2S14E Datasheet
73Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS321 TOSHIBA-1SS321_07 Datasheet
175Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS190 TOSHIBA-1SS190_14 Datasheet
202Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com