Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KBP307 Datasheet(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part No. KBP307
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Homepage  http://www.microdiode.com/en
Logo 

KBP307 Datasheet(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBP3005 THRU KBP310
SILICON BRIDGE RECTIFIERS
Reverse Voltage - 50 to 1000 Volts
Forward Current - 3.0 Amperes
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
NOTES: 1.Unit mounted on 0.47 x 0.47”(12x12mm) copper pads.
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Ideal for printed circuit boards
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds,0.375(9.5mm) lead length,
5 lbs. (2.3kg) tension
10
0.5
30
-55 to +150
-55 to +150
3.0
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward
output rectified current at
TC=50 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage drop
per birdge element at 1.5A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=125 C
Typical Thermal Resistance (Note 1)
Operating junction temperature range
storage temperature range
R
θJA
TJ
TSTG
IR
VF
A
µ
C
C/W
mA
C
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
KBP
3005
80
1.0
KBP
301
KBP
302
KBP
304
KBP
307
KBP
308
KBP
310
MDD Catalog Number
Dimensions in inches and (millimeters)
0.600(15.24)
0.560(14.22)
0.460(11.68)
0.420(10.6)
0.460(11.68)
0.420(10.67)
0.035(0.9)DIA.
0.028(0.7)TPY.
0.05(1.27)
0.160(4.1)
0.140(3.6)
0.153(3.9)
0.146(3.7)
+
-
AC
KBP
0.640(16.25)
MIN
0.50(12.7)
MIN
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Mounting Position: Any
Weight:0.069 ounce, 1.95 grams


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn