Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC129G8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part No. HMC129G8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 4 - 8 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC129G8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MICROWAVE CORPORATION
12 - 6
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
HMC129G8
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 4 - 8 GHz
v01.0801
General Description
Features
Functional Diagram
Conversion Loss: 8 dB
LO to RF and IF Isolation: 30 dB
Small Size, No DC Bias Required
Electrical Specifications, T
A = +25° C, LO Drive = +15 dBm
Typical Applications
The HMC129G8 is ideal for:
• UNII & HiperLAN
• Military & Space
• Test Equipment
The HMC129G8 is a miniature double-balanced
mixer in a hermetic surface mount package that
can be used as an upconverter or downcon-
verter. The device is a passive diode/balun type
mixer with high dynamic range. Noise figure is
essentially equal to the conversion loss.
The
mixer can handle larger signal levels than most
active mixers due to the high third order intercept.
MMIC implementation provides exceptional bal-
ance in the circuit resulting in high LO/RF and
LO/IF isolations.
Parameter
Min.
Typ.
Max.
Units
Frequency Range, RF & LO
4.0 - 8.0
GHz
Frequency Range, IF
DC - 3
GHz
Conversion Loss
810
dB
Noise Figure (SSB)
810
dB
LO to RF Isolation
20
30
dB
LO to IF Isolation
20
30
dB
IP3 (Input)
13
18
dBm
IP2 (Input)
35
40
dBm
1 dB Gain Compression (Input)
5
10
dBm


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC141C8GaAs MMIC SMT DOUBLEBALANCED MIXER 6 - 15 GHz 1 2 3 4 Hittite Microwave Corporation
HMC142C8GaAs MMIC SMT DOUBLEBALANCED MIXER 6 - 15 GHz 1 2 3 4 Hittite Microwave Corporation
HMC168C8GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 8 GHz 1 2 3 Hittite Microwave Corporation
HMC170C8GaAs MMIC SMT DOUBLEBALANCED MIXER 2.5 - 4 GHz 1 2 3 4 Hittite Microwave Corporation
HMC171C8GaAs MMIC SMT DOUBLEBALANCED MIXER 7 - 10 GHz 1 2 3 4 Hittite Microwave Corporation
HMC175MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 1.7 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC207S8GaAs MMIC SMT DOUBLEBALANCED MIXER 0.7 - 2.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC208MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 0.7 - 2.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC218MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 6 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC219MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 9 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn