Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC129 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC129
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC129 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC129 Datasheet HTML 1Page - Hittite Microwave Corporation HMC129 Datasheet HTML 2Page - Hittite Microwave Corporation HMC129 Datasheet HTML 3Page - Hittite Microwave Corporation HMC129 Datasheet HTML 4Page - Hittite Microwave Corporation HMC129 Datasheet HTML 5Page - Hittite Microwave Corporation HMC129 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROWAVE CORPORATION
5 - 10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
5
Input IP2 vs. Temperature
@ LO = +15 dBm
10
15
20
25
30
234567
89
10
+ 11 dBM
+ 13 dBm
+ 15 dBm
FREQUENCY (GHz)
10
15
20
25
30
234567
89
10
+ 25 C
+ 85 C
- 55 C
FREQUENCY (GHz)
Input IP2 vs. LO Drive
Input IP3 vs. LO Drive
Input P1dB vs. Temperature
@ LO = +15 dBm
Input IP3 vs. Temperature
@ LO = +15 dBm
20
30
40
50
60
70
80
2345
6789
10
+ 11 dBm
+ 13 dBm
+ 15 dBm
FREQUENCY (GHz)
20
30
40
50
60
70
80
234567
89
10
+ 25 C
+ 85 C
- 55 C
FREQUENCY (GHz)
8
9
10
11
12
13
14
15
234567
89
10
+ 25 C
+ 85 C
- 55 C
FREQUENCY (GHz)
v02.0802
HMC129
GaAs MMIC DOUBLE-BALANCED
MIXER, 4 - 8 GHz


Similar Part No. - HMC129

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC129 HITTITE-HMC129 Datasheet
174Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129 Datasheet
171Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
logo
Micross Components
HMC129 MICROSS-HMC129 Datasheet
820Kb / 9P
   No DC Bias Required
logo
Analog Devices
HMC129ALC4 AD-HMC129ALC4 Datasheet
205Kb / 16P
   4 GHz to 8 GHz GaAs MMIC Double-Balanced Mixer
HMC129ALC4TR AD-HMC129ALC4TR Datasheet
205Kb / 16P
   4 GHz to 8 GHz GaAs MMIC Double-Balanced Mixer
More results

Similar Description - HMC129

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC129LC4 HITTITE-HMC129LC4_09 Datasheet
212Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129_09 Datasheet
174Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129LC4 HITTITE-HMC129LC4 Datasheet
288Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129_07 Datasheet
171Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129G8 HITTITE-HMC129G8_08 Datasheet
186Kb / 4P
   GaAs MMIC SMT DOUBLE - BALANCED MIXER, 4 - 8 GHz
logo
Analog Devices
HMC129ALC4 AD-HMC129ALC4 Datasheet
205Kb / 16P
   4 GHz to 8 GHz GaAs MMIC Double-Balanced Mixer
logo
Hittite Microwave Corpo...
HMC168C8 HITTITE-HMC168C8_08 Datasheet
221Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 8 GHz
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
   GaAs MMIC Double Balanced 24 GHz Mixer
logo
Hittite Microwave Corpo...
HMC170C8 HITTITE-HMC170C8_08 Datasheet
229Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 2.5 - 4 GHz
logo
Marki Microwave
MM1-0312H MARKIMICROWAVE-MM1-0312H Datasheet
789Kb / 9P
   GaAs MMIC Double Balanced Mixer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com