Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC493LP3 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC493LP3
Description  SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 18 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC493LP3 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC493LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC493LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC493LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC493LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC493LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC493LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
10 - 128
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
10
SMT GaAs HBT MMIC
DIVIDE-BY-4, DC - 18 GHz
HMC493LP3
Evaluation PCB
List of Materials
The circuit board used in the final application should use
RF circuit design techniques. Signal lines should have
50 ohm impedance while the package ground leads
and backside ground slug should be connected directly
to the ground plane similar to that shown. A sufficient
number of via holes should be used to connect the top
and bottom ground planes. The evaluation circuit board
shown is available from Hittite upon request. This evalu-
ation board is designed for single ended input testing. J2
and J3 provide differential output signals.
v01.0604
Item
Description
J1 - J3
PC Mount SMA RF Connector
J4, J5
DC Pin
C2 - C5
100 pF Capacitor, 0402 Pkg.
C6
1000 pF Capacitor, 0603 Pkg.
C1
2.2 uF Tantalum Capacitor
U1
HMC492LP3 Divide-by-2
PCB*
107197 Eval Board
* Circuit Board Material: Rogers 4350


Similar Part No. - HMC493LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC493LP3 HITTITE-HMC493LP3 Datasheet
236Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 18 GHz
logo
Analog Devices
HMC493LP3 AD-HMC493LP3 Datasheet
343Kb / 6P
   VSAT Radios
logo
Hittite Microwave Corpo...
HMC493LP3E HITTITE-HMC493LP3E Datasheet
236Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 18 GHz
logo
Analog Devices
HMC493LP3E AD-HMC493LP3E Datasheet
343Kb / 6P
   VSAT Radios
logo
Hittite Microwave Corpo...
HMC493LP3 HITTITE-HMC493LP3_08 Datasheet
236Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 18 GHz
More results

Similar Description - HMC493LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC493LP3 HITTITE-HMC493LP3_08 Datasheet
236Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 18 GHz
logo
Analog Devices
HMC492LP3 AD-HMC492LP3 Datasheet
344Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 18 GHz
logo
Hittite Microwave Corpo...
HMC492LP3 HITTITE-HMC492LP3 Datasheet
256Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 18 GHz
HMC494LP3 HITTITE-HMC494LP3 Datasheet
253Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 18 GHz
HMC492LP3 HITTITE-HMC492LP3_08 Datasheet
235Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 18 GHz
HMC494LP3 HITTITE-HMC494LP3_08 Datasheet
233Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 18 GHz
HMC365G8 HITTITE-HMC365G8_06 Datasheet
330Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
logo
Analog Devices
HMC365G8 AD-HMC365G8 Datasheet
350Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
logo
Hittite Microwave Corpo...
HMC433 HITTITE-HMC433_10 Datasheet
228Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8 GHz
HMC433 HITTITE-HMC433 Datasheet
225Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com