Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC488MS8G Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC488MS8G
Description  GaAs MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 4.0 - 7.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC488MS8G Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC488MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC488MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC488MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC488MS8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC488MS8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC488MS8G Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROWAVE CORPORATION
12 - 280
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
GaAs MMIC MIXER W/ INTEGRATED
LO AMPLIFIER, 4.0 - 7.0 GHz
v00.0503
HMC488MS8G
Input IP3 vs.
Temperature @ LO = +2 dBm
Input IP3 vs. LO Drive
Input IP2 vs.
Temperature @ LO = +2 dBm
Input IP2 vs. LO Drive
Input P1dB vs.
Temperature @ LO = +2 dBm
Input P1dB vs. LO Drive
0
5
10
15
20
25
4
4.5
5
5.5
6
6.5
7
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
5
10
15
20
25
4
4.5
5
5.5
6
6.5
7
LO=0dBm
LO=+2dBm
LO=+4dBm
FREQUENCY (GHz)
25
30
35
40
45
50
55
60
65
70
4
4.5
5
5.5
6
6.5
7
+25 C
+85 C
-40 C
FREQUENCY (GHz)
25
30
35
40
45
50
55
60
65
4
4.5
5
5.5
6
6.5
7
LO=0dBm
LO=+2dBm
LO=+4dBm
FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
4
4.5
5
5.5
6
6.5
7
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
4
4.5
5
5.5
6
6.5
7
LO=0dBm
LO=+2dBm
LO=+3dBm
FREQUENCY (GHz)


Similar Part No. - HMC488MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC488MS8G HITTITE-HMC488MS8G Datasheet
220Kb / 8P
   GaAs MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 4 - 7 GHz
HMC488MS8GE HITTITE-HMC488MS8GE Datasheet
220Kb / 8P
   GaAs MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 4 - 7 GHz
HMC488MS8G HITTITE-HMC488MS8G_08 Datasheet
220Kb / 8P
   GaAs MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 4 - 7 GHz
More results

Similar Description - HMC488MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC215LP4 HITTITE-HMC215LP4 Datasheet
254Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
HMC615LP4 HITTITE-HMC615LP4_11 Datasheet
543Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC615LP4 HITTITE-HMC615LP4 Datasheet
230Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC353MS8 HITTITE-HMC353MS8 Datasheet
242Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC552LP4 HITTITE-HMC552LP4_11 Datasheet
505Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
HMC423MS8 HITTITE-HMC423MS8_08 Datasheet
189Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.6 - 1.3 GHz
HMC552LP4 HITTITE-HMC552LP4 Datasheet
300Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
HMC353MS8 HITTITE-HMC353MS8_01 Datasheet
248Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC332 HITTITE-HMC332_06 Datasheet
340Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com