Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC473MS8 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC473MS8
Description  GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 0.45 - 2.2 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC473MS8 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC473MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC473MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC473MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC473MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC473MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC473MS8 Datasheet HTML 6Page - Hittite Microwave Corporation HMC473MS8 Datasheet HTML 7Page - Hittite Microwave Corporation HMC473MS8 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MICROWAVE CORPORATION
9 - 114
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
9
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 8
RF1, RF2
These pins are DC coupled and matched to 50 Ohms.
DC blocking capacitors are required. 330pF capacitors are
supplied on evaluation board.
2, 7
GND
Pins must connect to RF ground.
3
Vctl
Control voltage
4, 5
N/C
No Connection. These pins may be connected to RF ground.
Performance will not be affected.
6
Vdd
Supply Voltage.
v00.1103
GaAs MMIC VOLTAGE-VARIABLE
ATTENUATOR, 0.45 - 2.2 GHz
HMC473MS8
Outline Drawing
NOTES:
1. PACKAGE BODY MATERIAL: LOW STRESS INJECTION MOLDED
PLASTIC SILICA AND SILICON IMPREGNATED.
2. LEADFRAME MATERIAL: COPPER ALLOY
3. LEADFRAME PLATING: Sn/Pb SOLDER
4. DIMENSIONS ARE IN INCHES [MILLIMETERS].
5. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
6. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
7. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.


Similar Part No. - HMC473MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC473MS8 HITTITE-HMC473MS8 Datasheet
260Kb / 8P
   GaAs MMIC VOLTAGE VARIABLE ATTENUATOR, 0.45 - 2.2 GHz
HMC473MS8E HITTITE-HMC473MS8E Datasheet
260Kb / 8P
   GaAs MMIC VOLTAGE VARIABLE ATTENUATOR, 0.45 - 2.2 GHz
HMC473MS8 HITTITE-HMC473MS8_08 Datasheet
260Kb / 8P
   GaAs MMIC VOLTAGE VARIABLE ATTENUATOR, 0.45 - 2.2 GHz
More results

Similar Description - HMC473MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC473MS8 HITTITE-HMC473MS8_08 Datasheet
260Kb / 8P
   GaAs MMIC VOLTAGE VARIABLE ATTENUATOR, 0.45 - 2.2 GHz
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346ALP3 AD-HMC346ALP3 Datasheet
903Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
HMC712ALP3C AD-HMC712ALP3C Datasheet
948Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
logo
List of Unclassifed Man...
HMC346LC3B ETC1-HMC346LC3B Datasheet
360Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
Hittite Microwave Corpo...
HMC712LP3C HITTITE-HMC712LP3C_09 Datasheet
341Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
logo
Analog Devices
HMC985A AD-HMC985A Datasheet
835Kb / 10P
   GaAs MMIC VOLTAGE - VARIABLE ATTENUATOR, 20 - 50 GHz
logo
Alpha Industries
AV850M2-00 ALPHA-AV850M2-00 Datasheet
43Kb / 2P
   18-40 GHz GaAs MMIC Voltage Variable Attenuator
AV850M1-00 ALPHA-AV850M1-00 Datasheet
77Kb / 2P
   18-50 GHz GaAs MMIC Voltage Variable Attenuator
logo
Hittite Microwave Corpo...
HMC121 HITTITE-HMC121 Datasheet
100Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR DC - 15 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com