Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC473MS8 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC473MS8
Description  GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 0.45 - 2.2 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC473MS8 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC473MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC473MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC473MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC473MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC473MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC473MS8 Datasheet HTML 6Page - Hittite Microwave Corporation HMC473MS8 Datasheet HTML 7Page - Hittite Microwave Corporation HMC473MS8 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MICROWAVE CORPORATION
9 - 113
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
9
v00.1103
Control and Bias Voltage
HMC473MS8
GaAs MMIC VOLTAGE-VARIABLE
ATTENUATOR, 0.45 - 2.2 GHz
Absolute Maximum Ratings
V
CTL
-0.2 Vdc to Vdd
Vdd
+8 Vdc
Maximum Input Power
Vdd = +3.3 Vdc
+29 dBm
+21 dBm
Min. Atten.
Attenuation >2 dB
Channel Temperature (Tc)
150 °C
Thermal Resistance (R
TH)
(junction to lead)
92 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
V
CTL
0 to +3 Vdc @ 1 µA
Vdd
+3.3 Vdc +/- 0.1 Vdc @ 10 µA
Relative Attenuation vs.
Control Voltage @ 2.1 GHz
Return Loss vs.
Control Voltage @ 2.1 GHz
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
+25 C
+85 C
-40 C
CONTROL VOLTAGE (V)
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
+25 C
+85 C
-40 C
CONTROL VOLTAGE (V)
Worse Case Input P1dB vs. Temperature
5
10
15
20
25
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Relative Attenuation vs. Control Voltage
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
1.0 V
1.5 V
1.6V
1.7 V
1.8 V
2.0 V
3.0 V
FREQUENCY (GHz)


Similar Part No. - HMC473MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC473MS8 HITTITE-HMC473MS8 Datasheet
260Kb / 8P
   GaAs MMIC VOLTAGE VARIABLE ATTENUATOR, 0.45 - 2.2 GHz
HMC473MS8E HITTITE-HMC473MS8E Datasheet
260Kb / 8P
   GaAs MMIC VOLTAGE VARIABLE ATTENUATOR, 0.45 - 2.2 GHz
HMC473MS8 HITTITE-HMC473MS8_08 Datasheet
260Kb / 8P
   GaAs MMIC VOLTAGE VARIABLE ATTENUATOR, 0.45 - 2.2 GHz
More results

Similar Description - HMC473MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC473MS8 HITTITE-HMC473MS8_08 Datasheet
260Kb / 8P
   GaAs MMIC VOLTAGE VARIABLE ATTENUATOR, 0.45 - 2.2 GHz
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346ALP3 AD-HMC346ALP3 Datasheet
903Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
HMC712ALP3C AD-HMC712ALP3C Datasheet
948Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
logo
List of Unclassifed Man...
HMC346LC3B ETC1-HMC346LC3B Datasheet
360Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
Hittite Microwave Corpo...
HMC712LP3C HITTITE-HMC712LP3C_09 Datasheet
341Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
logo
Analog Devices
HMC985A AD-HMC985A Datasheet
835Kb / 10P
   GaAs MMIC VOLTAGE - VARIABLE ATTENUATOR, 20 - 50 GHz
logo
Alpha Industries
AV850M2-00 ALPHA-AV850M2-00 Datasheet
43Kb / 2P
   18-40 GHz GaAs MMIC Voltage Variable Attenuator
AV850M1-00 ALPHA-AV850M1-00 Datasheet
77Kb / 2P
   18-50 GHz GaAs MMIC Voltage Variable Attenuator
logo
Hittite Microwave Corpo...
HMC121 HITTITE-HMC121 Datasheet
100Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR DC - 15 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com