Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC0820BCN Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0820BCN
Description  8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0820BCN Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC0820BCN Datasheet HTML 1Page - National Semiconductor (TI) ADC0820BCN Datasheet HTML 2Page - National Semiconductor (TI) ADC0820BCN Datasheet HTML 3Page - National Semiconductor (TI) ADC0820BCN Datasheet HTML 4Page - National Semiconductor (TI) ADC0820BCN Datasheet HTML 5Page - National Semiconductor (TI) ADC0820BCN Datasheet HTML 6Page - National Semiconductor (TI) ADC0820BCN Datasheet HTML 7Page - National Semiconductor (TI) ADC0820BCN Datasheet HTML 8Page - National Semiconductor (TI) ADC0820BCN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
10V
Logic Control Inputs
−0.2V to V
CC +0.2V
Voltage at Other Inputs and Output
−0.2V to V
CC +0.2V
Storage Temperature Range
−65˚C to +150˚C
Package Dissipation at T
A = 25˚C
875 mW
Input Current at Any Pin (Note 5)
1 mA
Package Input Current (Note 5)
4 mA
ESD Susceptability (Note 9)
1200V
Lead Temp. (Soldering, 10 sec.)
Dual-In-Line Package (plastic)
260˚C
Dual-In-Line Package (ceramic)
300˚C
Surface Mount Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
Operating Ratings (Notes 1, 2)
Temperature Range
T
MIN≤TA≤TMAX
ADC0820CCJ
−40˚C
≤T
A≤+85˚C
ADC0820CIWM
−40˚C
≤T
A≤+85˚C
ADC0820BCN, ADC0820CCN
0˚C
≤T
A≤70˚C
ADC0820BCV
0˚C
≤T
A≤70˚C
ADC0820BCWM, ADC0820CCWM
0˚C
≤T
A≤70˚C
V
CC Range
4.5V to 8V
Converter Characteristics
The following specifications apply for RD mode (pin 7=0), V
CC=5V, VREF(+)=5V,and VREF(−)=GND unless otherwise speci-
fied. Boldface limits apply from T
MIN to TMAX; all other limits TA=Tj=25˚C.
Parameter
Conditions
ADC0820BCN, ADC0820CCN
Limit
Units
ADC0820CCJ
ADC0820BCV, ADC0820BCWM
ADC0820CCWM, ADC0820CIWM
Typ
Tested
Design
Typ
Tested
Design
(Note 6)
Limit
Limit
(Note 6)
Limit
Limit
(Note 7)
(Note 8)
(Note 7)
(Note 8)
Resolution
8
8
8
Bits
Total Unadjusted
ADC0820BCN, BCWM
±12
±12
LSB
Error
ADC0820CCJ
±1
LSB
(Note 3)
ADC0820CCN, CCWM, CIWM,
±1
±1
LSB
ADC0820CCMSA
±1
±1
LSB
Minimum Reference
2.3
1.00
2.3
1.2
k
Resistance
Maximum Reference
2.3
6
2.3
5.3
6
k
Resistance
Maximum VREF(+)
VCC
VCC
VCC
V
Input Voltage
Minimum VREF(−)
GND
GND
GND
V
Input Voltage
Minimum VREF(+)
VREF(−)
VREF(−)
VREF(−)
V
Input Voltage
Maximum VREF(−)
VREF(+)
VREF(+)
VREF(+)
V
Input Voltage
Maximum VIN Input
VCC+0.1
VCC+0.1
VCC+0.1
V
Voltage
Minimum VIN Input
GND−0.1
GND−0.1
GND−0.1
V
Voltage
Maximum Analog
CS =VCC
Input Leakage
VIN=VCC
3
0.3
3
µA
Current
VIN=GND
−3
−0.3
−3
µA
Power Supply
VCC=5V±5%
±1/16
±14
±1/16
±14
±14
LSB
Sensitivity
www.national.com
3


Similar Part No. - ADC0820BCN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ADC0820BCN MAXIM-ADC0820BCN Datasheet
261Kb / 6P
   CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
More results

Similar Description - ADC0820BCN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0820-N TI1-ADC0820-N_14 Datasheet
1Mb / 29P
[Old version datasheet]    8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
ADC0820-N TI1-ADC0820-N Datasheet
604Kb / 25P
[Old version datasheet]   ADC0820 8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
logo
National Semiconductor ...
ADC1061 NSC-ADC1061 Datasheet
320Kb / 11P
   10-Bit High-Speed 關P-Compatible A/D Converter with Track/Hold Function
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
   8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
Maxim Integrated Produc...
ADC0820 MAXIM-ADC0820 Datasheet
261Kb / 6P
   CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
logo
Analog Devices
AD7821KPZ AD-AD7821KPZ Datasheet
816Kb / 16P
   LC2MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7821 AD-AD7821_15 Datasheet
816Kb / 16P
   LC MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7820 AD-AD7820_15 Datasheet
612Kb / 12P
   LC MOS High Speed P Compatible 8 Bit ADC with Track Hold Function
REV. A
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
   LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7820 AD-AD7820 Datasheet
609Kb / 12P
   LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com