Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSZ5243BS Datasheet(PDF) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part No. MMSZ5243BS
Description  Surface mount zener diode
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Homepage  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

MMSZ5243BS Datasheet(HTML) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  MMSZ5243BS Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MMSZ5243BS Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MMSZ5243BS Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MMSZ5243BS Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Surface mount zener diode
MMSZ5221BS-MMSZ5263BS
Zener Voltage Range
Test
Current
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
Vz@IZT
IZT
ZZT@IZT
ZZK@IZK=0.25mA
IR
@VR
Type Number
Marking
Code
Nom(V)
Min(V)
Max(V)
mA
μA
V
MMSZ5262BS
M7
51
48.45
53.55
2.5
125
1100
0.1
39
MMSZ5263BS
M8
53.20
58.80
2.2
150
1300
0.1
43
Notes: 1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, t≤1.0ms.
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
2014-03 01版
http://www.microdiode.com


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn