Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFM106 Datasheet(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # FFM106
Description  SUFACE MOUNT FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

FFM106 Datasheet(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  FFM106 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. FFM106 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUFACE MOUNT FAST RECOVERY RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current -1.0Ampere
Case : JEDEC SOD-123FL molded plastic body over passivated chip
Terminals : Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes cathode end
Mounting Position
: Any
Weight :0.0007 ounce, 0.02 grams
Glass passivated device
Ideal for surface mouted applications
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Metallurgically bonded construction
High temperature soldering guaranteed:
250 C/10 seconds,0.375(9.5mm) lead length,
5 lbs. (2.3kg) tension
Low reverse leakage
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
FFM101 THRU FFM107
Note:
3.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
1.Averaged over any 20ms period.
2.Measured with IF=0.5A, IR=1A, Irr=0.25A.
UNITS
VOLTS
VOLTS
VOLTS
Amp
Amps
Volts
A
µ
pF
C
ns
SYMBOLS
1000
700
1000
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
25.0
1.3
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TA=65 C (NOTE 1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=125 C
IR
5.0
50.0
F7
TL=25 C
Maximum reverse recovery time (NOTE 2)
Typical junction capacitance (NOTE 3)
CJ
Operating junction and storage temperature range TJ,TSTG
15
-50 to +150
500
trr
FFM107
100
70
100
400
280
400
200
140
200
600
420
600
F2
F3
F4
F5
800
560
800
F6
50
35
50
F1
FFM101
FFM102
FFM103
FFM104
FFM105
FFM106
150
250
SOD-123FL
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
Dimensions in millimeters


Similar Part No. - FFM106

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FFM106 FORMOSA-FFM106 Datasheet
68Kb / 2P
   Fast recovery type
logo
Leshan Radio Company
FFM106 LRC-FFM106 Datasheet
53Kb / 2P
   1A FAST RECOVERY SMA DIODES
logo
Rectron Semiconductor
FFM106 RECTRON-FFM106 Datasheet
33Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Diotech Company.
FFM106 DIOTECH-FFM106 Datasheet
684Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM106 TAYCHIPST-FFM106 Datasheet
3Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - FFM106

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
DFR03A CHENDA-DFR03A Datasheet
148Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Formosa MS
DFR1A FORMOSA-DFR1A Datasheet
134Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
DFR05A CHENDA-DFR05A Datasheet
161Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Sangdest Microelectroni...
FF107M SMC-FF107M Datasheet
173Kb / 5P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Foster Semicon...
FFM101MG FOSTER-FFM101MG Datasheet
1Mb / 3P
   Suface Mount Fast Recovery Rectifier
logo
Shenzhen Yixinwei Techn...
DFR1A YIXIN-DFR1A Datasheet
139Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
DFR0.5A CHENDA-DFR0.5A Datasheet
621Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
DFR1A CHENDA-DFR1A Datasheet
568Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
DFR0.3A CHENDA-DFR0.3A Datasheet
608Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
SOD1F1 SUNMATE-SOD1F1 Datasheet
356Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com