Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC465 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC465
Description  GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC465 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC465 Datasheet HTML 1Page - Hittite Microwave Corporation HMC465 Datasheet HTML 2Page - Hittite Microwave Corporation HMC465 Datasheet HTML 3Page - Hittite Microwave Corporation HMC465 Datasheet HTML 4Page - Hittite Microwave Corporation HMC465 Datasheet HTML 5Page - Hittite Microwave Corporation HMC465 Datasheet HTML 6Page - Hittite Microwave Corporation HMC465 Datasheet HTML 7Page - Hittite Microwave Corporation HMC465 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MICROWAVE CORPORATION
1 - 113
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
1
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
HMC465
Output Return Loss vs. Temperature
v03.0704
Gain & Return Loss
Gain vs. Temperature
Low Frequency Gain & Return Loss
Input Return Loss vs. Temperature
GaAs PHEMT MMIC MODULATOR DRIVER
AMPLIFIER, DC - 20.0 GHz
Noise Figure vs. Temperature
-30
-25
-20
-15
-10
-5
0
5
10
15
20
0
2
4
6
8
10
12
14
16
18
20
22
24
S21
S11
S22
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-55C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-55C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-55C
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
0.00001
0.0001
0.001
0.01
0.1
1
10
S21
S11
S22
FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-55C
FREQUENCY (GHz)


Similar Part No. - HMC465

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC465 HITTITE-HMC465 Datasheet
610Kb / 8P
   GaAs pHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20 GHz
HMC465 HITTITE-HMC465 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Micross Components
HMC465 MICROSS-HMC465 Datasheet
1,007Kb / 11P
   Test Instrumentation
logo
Analog Devices
HMC465 AD-HMC465 Datasheet
452Kb / 8P
   GaAs pHEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC465 AD-HMC465 Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC465

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC465LP5 HITTITE-HMC465LP5 Datasheet
326Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
HMC465LP5 HITTITE-HMC465LP5_10 Datasheet
985Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20 GHz
HMC465 HITTITE-HMC465_10 Datasheet
610Kb / 8P
   GaAs pHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20 GHz
HMC559 HITTITE-HMC559 Datasheet
404Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20.0 GHz
logo
Analog Devices
HMC465 AD-HMC465 Datasheet
452Kb / 8P
   GaAs pHEMT MMIC MODULATOR DRIVER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC460 HITTITE-HMC460_06 Datasheet
400Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
HMC460 HITTITE-HMC460 Datasheet
285Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
HMC463 HITTITE-HMC463 Datasheet
279Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
HMC464LP5 HITTITE-HMC464LP5 Datasheet
281Kb / 6P
   GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
HMC464 HITTITE-HMC464 Datasheet
237Kb / 6P
   GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com