Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC463 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part No. HMC463
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC463 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC463 Datasheet HTML 1Page - Hittite Microwave Corporation HMC463 Datasheet HTML 2Page - Hittite Microwave Corporation HMC463 Datasheet HTML 3Page - Hittite Microwave Corporation HMC463 Datasheet HTML 4Page - Hittite Microwave Corporation HMC463 Datasheet HTML 5Page - Hittite Microwave Corporation HMC463 Datasheet HTML 6Page - Hittite Microwave Corporation HMC463 Datasheet HTML 7Page - Hittite Microwave Corporation HMC463 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MICROWAVE CORPORATION
1 - 98
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
1
HMC463
GaAs PHEMT MMIC LOW NOISE
AGC AMPLIFIER, 2.0 - 20.0 GHz
v03.0304
General Description
Features
Functional Diagram
The HMC463 is a GaAs MMIC PHEMT Low Noise
AGC Distributed Amplifier die which operates
between 2 and 20 GHz. The amplifier provides 14
dB of gain, 2.5 dB noise figure and 19 dBm of output
power at 1 dB gain compression while requiring only
60 mA from a +5V supply. An optional gate bias
(Vgg2) is provided to allow Adjustable Gain Control
(AGC) of 10 dB typical. Gain flatness is excellent
at ±0.15 dB from 6 - 18 GHz making the HMC463
ideal for EW, ECM and RADAR applications. The
HMC463 amplifier can easily be integrated into
Multi-Chip-Modules (MCMs) due to its small size.
All data is with the chip in a 50 Ohm test fixture con-
nected via 0.025mm (1 mil) diameter wire bonds of
minimal length 0.31mm (12 mils).
Gain: 14 dB
Noise Figure: 2.5 dB @ 10 GHz
P1dB Output Power: +19 dBm @ 10 GHz
Supply Voltage: +5.0V @ 60 mA
50 Ohm Matched Input/Output
3.15 mm x 1.63 mm x 0.1 mm
Typical Applications
The HMC463 is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military & Space
• Test Instrumentation
• Fiber Optics
Electrical Specifications, T
A = +25° C, Vdd= 5V, Idd= 60 mA*
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
2.0 - 6.0
6.0 - 18.0
18.0 - 20.0
GHz
Gain
12
15
12
14
12
14
dB
Gain Flatness
±1.0
±0.15
±0.15
dB
Gain Variation Over Temperature
0.015
0.025
0.015
0.025
0.015
0.025
dB/ °C
Noise Figure
3.0
4.0
2.5
3.7
3.5
4.0
dB
Input Return Loss
12
15
14
dB
Output Return Loss
11
12
10
dB
Output Power for 1 dB Compression (P1dB)
16
19
13
16
11
14
dBm
Saturated Output Power (Psat)
21
20
19
dBm
Output Third Order Intercept (IP3)
31
28
26
dBm
Supply Current
(Idd) (Vdd= 5V, Vgg1= -0.9V Typ.)
60
60
60
mA
* Adjust Vgg1 between -1.5 to -0.5V to achieve Idd= 60 mA typical.
Vgg2: Optional Gate Bias for AGC


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC460GaAs PHEMT MMIC LOW NOISE AMPLIFIER DC - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC462GaAs PHEMT MMIC LOW NOISE AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC462LP5GaAs PHEMT MMIC LOW NOISE AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC463LP5GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC341LC3BSMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER 21 - 29 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC565GaAs PHEMT MMIC LOW NOISE AMPLIFIER 6 - 20 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC342LC4GaAs PHEMT MMIC LOW NOISE AMPLIFIER 13 - 25 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC566GaAs PHEMT MMIC LOW NOISE AMPLIFIER 29 - 36 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC382LP3GaAs PHEMT MMIC LOW NOISE AMPLIFIER 1.7 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC516GaAs PHEMT MMIC LOW NOISE AMPLIFIER 7 - 17 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn