Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC463 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part No. HMC463
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC463 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC463 Datasheet HTML 1Page - Hittite Microwave Corporation HMC463 Datasheet HTML 2Page - Hittite Microwave Corporation HMC463 Datasheet HTML 3Page - Hittite Microwave Corporation HMC463 Datasheet HTML 4Page - Hittite Microwave Corporation HMC463 Datasheet HTML 5Page - Hittite Microwave Corporation HMC463 Datasheet HTML 6Page - Hittite Microwave Corporation HMC463 Datasheet HTML 7Page - Hittite Microwave Corporation HMC463 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MICROWAVE CORPORATION
1 - 103
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
1
HMC463
v03.0304
GaAs PHEMT MMIC LOW NOISE
AGC AMPLIFIER, 2.0 - 20.0 GHz
Assembly Diagram


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC460GaAs PHEMT MMIC LOW NOISE AMPLIFIER DC - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC462GaAs PHEMT MMIC LOW NOISE AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC462LP5GaAs PHEMT MMIC LOW NOISE AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC463LP5GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC341LC3BSMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER 21 - 29 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC565GaAs PHEMT MMIC LOW NOISE AMPLIFIER 6 - 20 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC342LC4GaAs PHEMT MMIC LOW NOISE AMPLIFIER 13 - 25 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC566GaAs PHEMT MMIC LOW NOISE AMPLIFIER 29 - 36 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC382LP3GaAs PHEMT MMIC LOW NOISE AMPLIFIER 1.7 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC516GaAs PHEMT MMIC LOW NOISE AMPLIFIER 7 - 17 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn