Electronic Components Datasheet Search |
|
TPS2069CDGN Datasheet(PDF) 7 Page - Texas Instruments |
|
|
TPS2069CDGN Datasheet(HTML) 7 Page - Texas Instruments |
7 / 39 page 7 TPS2000C, TPS2001C, TPS2041C, TPS2051C, TPS2061C TPS2065C, TPS2065C-2, TPS2068C, TPS2069C, TPS2069C-2 www.ti.com SLVSAU6H – JUNE 2011 – REVISED APRIL 2016 Product Folder Links: TPS2000C TPS2001C TPS2041C TPS2051C TPS2061C TPS2065C TPS2065C-2 TPS2068C TPS2069C TPS2069C-2 Submit Documentation Feedback Copyright © 2011–2016, Texas Instruments Incorporated (1) Pulsed testing techniques maintain junction temperature approximately equal to ambient temperature (2) See Current Limit section for explanation of this parameter. (3) These parameters are provided for reference only, and do not constitute part of TI's published device specifications for purposes of TI's product warranty. 7.6 Electrical Characteristics: TJ = TA = 25°C Unless otherwise noted: VIN = 5 V, VEN = VIN or VEN = GND, IOUT = 0 A. See Device Comparison Table for the rated current of each part number. Parametrics over a wider operational range are shown in Electrical Characteristics: –40°C ≤ TJ ≤ 125°C (1). PARAMETER TEST CONDITIONS(1) MIN TYP MAX UNIT POWER SWITCH RDS(on) Input – output resistance 0.5-A rated output, 25°C DBV 97 110 m Ω 0.5-A rated output, –40°C ≤ (TJ , TA) ≤ 85°C DBV 96 130 m Ω 1-A rated output, 25°C DBV 96 110 m Ω DGN 86 100 1-A rated output, –40°C ≤ (TJ , TA) ≤ 85°C DBV 96 130 m Ω DGN 86 120 1.5-A rated output, 25°C DBV 76 91 m Ω DGN 69 84 m Ω 1.5-A rated output, –40°C ≤ (TJ , TA) ≤ 85°C DBV 76 106 m Ω DGN 69 98 m Ω 2-A rated output, 25°C DGN, DGK 72 84 m Ω 2-A rated output, –40°C ≤ (TJ , TA) ≤ 85°C DGN, DGK 72 98 m Ω CURRENT LIMIT IOS (2) Current limit, See Figure 6 0.5-A rated output TPS20xxC 0.67 0.85 1.01 A 1-A rated output TPS20xxC 1.3 1.55 1.8 TPS20xxC-2 1.18 1.53 1.88 1.5-A rated output TPS20xxC 1.7 2.15 2.5 TPS20xxC-2 1.71 2.23 2.75 2-A rated output TPS20xxC 2.35 2.9 3.4 SUPPLY CURRENT ISD Supply current, switch disabled IOUT = 0 A 0.01 1 µA –40°C ≤ (TJ , TA) ≤ 85°C, VIN = 5.5 V, IOUT = 0 A 2 ISE Supply current, switch enabled IOUT = 0 A 60 70 µA –40°C ≤ (TJ , TA) ≤ 85°C, VIN = 5.5 V, IOUT = 0 A 85 Ilkg Leakage current VOUT = 0 V, VIN = 5 V, disabled, measure IVIN TPS20xxC-2 0.05 1 µA –40°C ≤ (TJ , TA) ≤ 85°C, VOUT = 0 V, VIN = 5 V, disabled, measure IVIN 2 IREV Reverse leakage current VOUT = 5 V, VIN = 0 V, measure IVOUT 0.1 1 µA –40°C ≤ (TJ , TA) ≤ 85°C, VOUT = 5 V, VIN = 0 V, measure IVOUT 5 OUTPUT DISCHARGE RPD Output pulldown resistance(3) VIN = VOUT = 5 V, disabled TPS20xxC 400 470 600 Ω |
Similar Part No. - TPS2069CDGN |
|
Similar Description - TPS2069CDGN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |