Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTP229-HSB Datasheet(PDF) 4 Page - Tontek Design Technology

Part # TTP229-HSB
Description  8 KEYS TOUCH PAD DETECTOR IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP229-HSB Datasheet(HTML) 4 Page - Tontek Design Technology

  TTP229-HSB Datasheet HTML 1Page - Tontek Design Technology TTP229-HSB Datasheet HTML 2Page - Tontek Design Technology TTP229-HSB Datasheet HTML 3Page - Tontek Design Technology TTP229-HSB Datasheet HTML 4Page - Tontek Design Technology TTP229-HSB Datasheet HTML 5Page - Tontek Design Technology TTP229-HSB Datasheet HTML 6Page - Tontek Design Technology TTP229-HSB Datasheet HTML 7Page - Tontek Design Technology TTP229-HSB Datasheet HTML 8Page - Tontek Design Technology TTP229-HSB Datasheet HTML 9Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Preliminary
TTP229-HSB
TonTouchTM
09’/12/22
Page 4 of 12
Ver : 1.1
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
DC/AC Characteristics:(Test condition at room temperature=25℃)
Parameter
Symbol
Conditions
Value
Unit
Operating Temperature
TOP
-40 ~ +85
Storage Temperature
TSTG
-50 ~ +125
Power Supply Voltage
VDD
Ta=25
°C
VSS-0.3 ~ VSS+6.0
V
Input Voltage
VIN
Ta=25
°C
VSS-0.3 to VDD+0.3
V
Human Body Mode
ESD
6
KV
Note:VSS symbolizes for system ground
Parameter
Symbol
Test Condition
Min. Typ. Max. Unit
Operating Voltage
VDD
2.4
-
5.5
V
Internal Regulator Output
VREG
2.2
2.3
2.4
V
Operating Current
(no load)
IOP
VDD=3.0V
20
uA
Sampling rate 8Hz
2.0
Stand-by Current
(VDD=3.0V)
(Sampling length 4.0mS)
ISD
Sampling rate 64Hz
5.5
uA
Input Ports
VIL
Input Low Voltage
0
-
0.2 VDD
Input Ports
VIH
Input High Voltage
0.8
-
1.0 VDD
Output Port Sink Current
IOL
VDD=3V, VOL=0.6V
-
8
-
mA
Output Port Source Current
IOH
VDD=3V, VOH=2.4V
-
-4
-
mA
VDD=3V, Sampling rate 8Hz
125
mS
Wake-up Response Time
(at sleep mode)
TWU
VDD=3V, Sampling rate 64Hz
15.6
mS
Output Response Time
(at operation)
TR
VDD=3V
16
mS
Maximum Key-on Time
TMOT
50
80
110
Sec
Input Pin Pull-low Resistor
(TEST)
RPL
VDD=3V
30K
ohm


Similar Part No. - TTP229-HSB

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP229-AQG TONTEK-TTP229-AQG Datasheet
354Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-BSF TONTEK-TTP229-BSF Datasheet
331Kb / 16P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-CSE TONTEK-TTP229-CSE Datasheet
315Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-DQE TONTEK-TTP229-DQE Datasheet
319Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-FSD TONTEK-TTP229-FSD Datasheet
314Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
More results

Similar Description - TTP229-HSB

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP239 TONTEK-TTP239 Datasheet
308Kb / 16P
   8 keys Touch Pad Detector IC
TTP229-FSD TONTEK-TTP229-FSD Datasheet
314Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-DQE TONTEK-TTP229-DQE Datasheet
319Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-CSE TONTEK-TTP229-CSE Datasheet
315Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP225-806Q TONTEK-TTP225-806Q Datasheet
280Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-GQD TONTEK-TTP229-GQD Datasheet
317Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP225 TONTEK-TTP225 Datasheet
318Kb / 15P
   8 KEYS TOUCH PAD DETECTOR IC
TTP226 TONTEK-TTP226 Datasheet
344Kb / 15P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-JQB TONTEK-TTP229-JQB Datasheet
309Kb / 12P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-BSF TONTEK-TTP229-BSF Datasheet
331Kb / 16P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com