Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTP229-HSB Datasheet(PDF) 6 Page - Tontek Design Technology

Part # TTP229-HSB
Description  8 KEYS TOUCH PAD DETECTOR IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP229-HSB Datasheet(HTML) 6 Page - Tontek Design Technology

Back Button TTP229-HSB Datasheet HTML 2Page - Tontek Design Technology TTP229-HSB Datasheet HTML 3Page - Tontek Design Technology TTP229-HSB Datasheet HTML 4Page - Tontek Design Technology TTP229-HSB Datasheet HTML 5Page - Tontek Design Technology TTP229-HSB Datasheet HTML 6Page - Tontek Design Technology TTP229-HSB Datasheet HTML 7Page - Tontek Design Technology TTP229-HSB Datasheet HTML 8Page - Tontek Design Technology TTP229-HSB Datasheet HTML 9Page - Tontek Design Technology TTP229-HSB Datasheet HTML 10Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Preliminary
TTP229-HSB
TonTouchTM
09’/12/22
Page 6 of 12
Ver : 1.1
2. Input keys number
The TTP229-HSB has only 8 keys input mode.
3. Output mode
The TTP229-HSB only has a 2-wires serial output interface mode.
At the serial output interface mode the SDO pin is data output pin, the SCL is clock input pin, both
can be set active-high and active-low by TP1(SAHL) pin. The default is active-low that TP1(SAHL) pin
is not used resistor connected to VSS. Another it is active-high that is used a high-value resistor
connected to VSS.
The 2-wires serial mode supports always polling data for other device on the system. Or other device
can wait that TTP229-HSB outputs the data valid (DV) signal by the SDO pin, and it can give the
clock signal to TTP229-HSB SCL pin and get the key data from SDO pin.
The TTP229-HSB 2-wires serial interface supports a timeout mechanism for SCL pin. If the SCL pin
has no signal edge change over 2ms, the 2-wires serial interface will reset itself and return to stand-by
state.
2-wires serial interface mode timing please see below:
The D0~D7 correspond to data of the TP0~TP7.
3-4-1. When TP1=0:Set 8-keys active-high
Tw
Tw
Tout
T_resp
DV
D0
D1
C_1
C_0
DV
SDO
SCL
F_SCL
D0
D1
C_1
C_0
D7
D6
D5
D4
D3
D2
C_7
C_6
C_5
C_4
C_3
C_2
Figure 3-4-1: The timing for active-high
3-4-2. When TP1=1:Set 8-keys active-low
Tw
Tw
Tout
T_resp
DV
D0
D1
C_1
C_0
DV
SDO
SCL
F_SCL
D0
D1
C_1
C_0
D7
D6
D5
D4
D3
D2
C_7
C_6
C_5
C_4
C_3
C_2
Figure 3-4-2: The timing for active-low
The parameters for figure 3-4-1~2:
Parameter
Min.
Typ.
Max.
Unit
DV
-
93
-
us
Tw
10
-
-
us
Tout
-
2
-
ms
T_resp
-
16
-
ms
F_SCL
1K
-
512K
Hz


Similar Part No. - TTP229-HSB

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP229-AQG TONTEK-TTP229-AQG Datasheet
354Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-BSF TONTEK-TTP229-BSF Datasheet
331Kb / 16P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-CSE TONTEK-TTP229-CSE Datasheet
315Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-DQE TONTEK-TTP229-DQE Datasheet
319Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-FSD TONTEK-TTP229-FSD Datasheet
314Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
More results

Similar Description - TTP229-HSB

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP239 TONTEK-TTP239 Datasheet
308Kb / 16P
   8 keys Touch Pad Detector IC
TTP229-FSD TONTEK-TTP229-FSD Datasheet
314Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-DQE TONTEK-TTP229-DQE Datasheet
319Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-CSE TONTEK-TTP229-CSE Datasheet
315Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP225-806Q TONTEK-TTP225-806Q Datasheet
280Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-GQD TONTEK-TTP229-GQD Datasheet
317Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP225 TONTEK-TTP225 Datasheet
318Kb / 15P
   8 KEYS TOUCH PAD DETECTOR IC
TTP226 TONTEK-TTP226 Datasheet
344Kb / 15P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-JQB TONTEK-TTP229-JQB Datasheet
309Kb / 12P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-BSF TONTEK-TTP229-BSF Datasheet
331Kb / 16P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com