Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTP226 Datasheet(PDF) 5 Page - Tontek Design Technology

Part # TTP226
Description  8 KEYS TOUCH PAD DETECTOR IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP226 Datasheet(HTML) 5 Page - Tontek Design Technology

  TTP226 Datasheet HTML 1Page - Tontek Design Technology TTP226 Datasheet HTML 2Page - Tontek Design Technology TTP226 Datasheet HTML 3Page - Tontek Design Technology TTP226 Datasheet HTML 4Page - Tontek Design Technology TTP226 Datasheet HTML 5Page - Tontek Design Technology TTP226 Datasheet HTML 6Page - Tontek Design Technology TTP226 Datasheet HTML 7Page - Tontek Design Technology TTP226 Datasheet HTML 8Page - Tontek Design Technology TTP226 Datasheet HTML 9Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Preliminary
TTP226
TonTouchTM
10’/01/13
Page 5 of 15
Ver : 1.3
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
DC/AC Characteristics:(Test condition at room temperature=25℃)
Parameter
Symbol
Conditions
Value
Unit
Operating Temperature
TOP
-20 ~ +70
Storage Temperature
TSTG
-50 ~ +125
Power Supply Voltage
VDD
Ta=25
°C
VSS-0.3 ~ VSS+5.5
V
Input Voltage
VIN
Ta=25
°C
VSS-0.3 ~ VDD+0.3
V
Human Body Mode
ESD
5
KV
Note:VSS symbolizes for system ground
Parameter
Symbol
Test Condition
Min. Typ. Max. Unit
Operating Voltage
VDD
2.0
3
5.5
V
Reference oscillator
OSC1
VDD=3V
-
440K
-
Hz
Sensor oscillator
OSC2
VDD=3V no load
-
710K
-
Hz
Operating Current
IOP
VDD=3V output no load
-
100 160
uA
Input Ports
VIL
Input Low Voltage
0
-
0.2
VDD
Input Ports
VIH
Input High Voltage
0.8
-
1.0
VDD
Output port Sink Current
IOL
VDD=3V, Vol=0.6V
-
8
-
mA
Output Port Source Current
IOH
VDD=3V, Voh=2.4V
-
-4
-
mA


Similar Part No. - TTP226

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TTP223 ETC1-TTP223 Datasheet
251Kb / 8P
   1 KEY TOUCH PAD DETECTOR IC
logo
TT Electronics.
TTP223 TTELEC-TTP223 Datasheet
286Kb / 11P
   1 KEY TOUCH PAD DETECTOR IC
logo
List of Unclassifed Man...
TTP223-BA6 ETC1-TTP223-BA6 Datasheet
251Kb / 8P
   1 KEY TOUCH PAD DETECTOR IC
logo
TT Electronics.
TTP223-XXX TTELEC-TTP223-XXX Datasheet
286Kb / 11P
   1 KEY TOUCH PAD DETECTOR IC
logo
List of Unclassifed Man...
TTP223N-BA6 ETC1-TTP223N-BA6 Datasheet
251Kb / 8P
   1 KEY TOUCH PAD DETECTOR IC
More results

Similar Description - TTP226

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP239 TONTEK-TTP239 Datasheet
308Kb / 16P
   8 keys Touch Pad Detector IC
TTP229-FSD TONTEK-TTP229-FSD Datasheet
314Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-DQE TONTEK-TTP229-DQE Datasheet
319Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-CSE TONTEK-TTP229-CSE Datasheet
315Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP225-806Q TONTEK-TTP225-806Q Datasheet
280Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-HSB TONTEK-TTP229-HSB Datasheet
305Kb / 12P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-GQD TONTEK-TTP229-GQD Datasheet
317Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP225 TONTEK-TTP225 Datasheet
318Kb / 15P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-JQB TONTEK-TTP229-JQB Datasheet
309Kb / 12P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-BSF TONTEK-TTP229-BSF Datasheet
331Kb / 16P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com