Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTP224N-BSB Datasheet(PDF) 1 Page - Tontek Design Technology

Part # TTP224N-BSB
Description  4 KEY TOUCH PAD DETECTOR IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP224N-BSB Datasheet(HTML) 1 Page - Tontek Design Technology

  TTP224N-BSB Datasheet HTML 1Page - Tontek Design Technology TTP224N-BSB Datasheet HTML 2Page - Tontek Design Technology TTP224N-BSB Datasheet HTML 3Page - Tontek Design Technology TTP224N-BSB Datasheet HTML 4Page - Tontek Design Technology TTP224N-BSB Datasheet HTML 5Page - Tontek Design Technology TTP224N-BSB Datasheet HTML 6Page - Tontek Design Technology TTP224N-BSB Datasheet HTML 7Page - Tontek Design Technology TTP224N-BSB Datasheet HTML 8Page - Tontek Design Technology TTP224N-BSB Datasheet HTML 9Page - Tontek Design Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Preliminary
TTP224N-BSB
TonTouch
TM
2014/06/05
Page 1 of 9
Ver :3.1
4 KEY TOUCH PAD DETECTOR IC
GENERAL DESCRIPTION
The TTP224N-BSB TonTouch
TM IC is capacitive sensing design specifically for touch pad
controls. The device built in regulator for touch sensor. Stable sensing method can cover diversity
conditions. Human interfaces control panel links through non-conductive dielectric material. The
main application is focused at replacing of the mechanical switch or button. The ASSP can
independently handle the 4 touch pads with 4 direct output pins.
FEATURES
 Operating voltage 2.4V~5.5V
 Built-in regulator
 Operating current, @VDD=3V no load
At low power mode typical 2.5uA, At fast mode typical 9uA
@VDD=3V operating voltage :
The response time about 60mS at fast mode,160mS at low power mode
 Sensitivity can adjust by the capacitance(0~50pF) outside for each touch pad
 Provides Fast mode and Low Power mode selection by pad option(LPMB pin)
 Provides direct mode or toggle mode、CMOS output or open drain output、
active high or active low by pad option(TOG/AHLB/OD pin).
 Have the maximum on time 16sec/infinite by pad option(MOT0 pin)
 After power-on have about 0.5sec stable-time, during the time do not touch the key pad,
and the function is disabled
 Auto calibration for life, and the re-calibration period is about 4.0sec, when key has not be
touched.
APPLICATION
 Wide consumer products
 Button key replacement


Similar Part No. - TTP224N-BSB

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP224N-ASD TONTEK-TTP224N-ASD Datasheet
301Kb / 12P
   4 KEY TOUCH PAD DETECTOR IC
TTP224N-CO8 TONTEK-TTP224N-CO8 Datasheet
247Kb / 8P
   2 KEY TOUCH PAD DETECTOR IC
TTP224N-DO8 TONTEK-TTP224N-DO8 Datasheet
249Kb / 8P
   2 KEY TOUCH PAD DETECTOR IC
TTP224N-FO8 TONTEK-TTP224N-FO8 Datasheet
254Kb / 8P
   1 KEY TOUCH PAD DETECTOR IC
More results

Similar Description - TTP224N-BSB

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP224 TONTEK-TTP224 Datasheet
180Kb / 4P
   4 KEY TOUCH PAD DETECTOR IC
TTP224N TONTEK-TTP224N Datasheet
328Kb / 10P
   4 KEY TOUCH PAD DETECTOR IC
TTP224N-ASD TONTEK-TTP224N-ASD Datasheet
301Kb / 12P
   4 KEY TOUCH PAD DETECTOR IC
logo
Shenzhen Huazhimei Semi...
HM223B HMSEMI-HM223B Datasheet
583Kb / 8P
   1 key Touch Pad Detector IC
logo
Tontek Design Technolog...
TTP224N-DO8 TONTEK-TTP224N-DO8 Datasheet
249Kb / 8P
   2 KEY TOUCH PAD DETECTOR IC
logo
TT Electronics.
TTP223 TTELEC-TTP223 Datasheet
286Kb / 11P
   1 KEY TOUCH PAD DETECTOR IC
logo
Tontek Design Technolog...
TTP233C TONTEK-TTP233C Datasheet
272Kb / 11P
   1 key Touch Pad Detector IC
TTP233C-HA6 TONTEK-TTP233C-HA6 Datasheet
366Kb / 8P
   1 key Touch Pad Detector IC
TTP233D-BA6 TONTEK-TTP233D-BA6 Datasheet
364Kb / 8P
   1 key Touch Pad Detector IC
logo
List of Unclassifed Man...
TTP223-BA6 ETC1-TTP223-BA6 Datasheet
251Kb / 8P
   1 KEY TOUCH PAD DETECTOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com