Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTP224N-BSB Datasheet(PDF) 7 Page - Tontek Design Technology

Part # TTP224N-BSB
Description  4 KEY TOUCH PAD DETECTOR IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP224N-BSB Datasheet(HTML) 7 Page - Tontek Design Technology

  TTP224N-BSB Datasheet HTML 1Page - Tontek Design Technology TTP224N-BSB Datasheet HTML 2Page - Tontek Design Technology TTP224N-BSB Datasheet HTML 3Page - Tontek Design Technology TTP224N-BSB Datasheet HTML 4Page - Tontek Design Technology TTP224N-BSB Datasheet HTML 5Page - Tontek Design Technology TTP224N-BSB Datasheet HTML 6Page - Tontek Design Technology TTP224N-BSB Datasheet HTML 7Page - Tontek Design Technology TTP224N-BSB Datasheet HTML 8Page - Tontek Design Technology TTP224N-BSB Datasheet HTML 9Page - Tontek Design Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Preliminary
TTP224N-BSB
TonTouch
TM
2014/06/05
Page 7 of 9
Ver :3.1
APPLICATION CIRCUIT
BSB-APP
2014/6/5
01
01
11:02:36 上午
BSB-APP
.
TTP224N-BSB SSOP-16
TTP224N-BSB APPLICATION
VDD
VSS
VSS
VDD
VDD
VDD
VDD
VSS
VSS
VSS
VSS
VDD
VDD
VDD
VDD
Pad TPQ0~TP3 option features
open
Direct mode, CMOS active low output
open
open
Direct mode, CMOS active high output
open
open
open
AHLB
TOG
OD
Toggle mode, Power on state high-Z, Active low
Toggle mode, Power on state high-Z, Active high
Toggle mode, COMS output, Power on state=1
Toggle mode, COMS output, Power on state=0
Direct mode, Open drain active low output
Direct mode, Open drain active high output
open
open
open
open
open
open
Output mode:
Option features
Fast and Low power mode:
Low Power mode
Fast mode
open
LPMB
Option features
Maximum on time 16sec
Infinite(Disable maximum on time)
open
MOT0
VSS 10
MOT0 9
OD 11
SM 12
TPQ3 13
TPQ2 14
TPQ1 15
TPQ0 16
C1
104
8 LPMB
7 TOG
K3
K2
K1
K0
6 VDD
Cs3
Cs2
Cs1
Cs0
5 AHLB
4 TP3
3 TP2
2 TP1
1 TP0
Key operation mode:
Option features
Single key mode
Multi-key mode
SM
open
Maximum key on duration time:
Option table:
PS:1. On PCB, the length of lines from touch pad to IC pin shorter is better.
And the lines do not parallel and cross with other lines.
2. The material of panel covering on the PCB can not include the metal or the electric
element. The paints on the surfaces are the same.
3. The C1 capacitor must be used between VDD and VSS; and should be routed with
very short
tracks to the device’s VDD and VSS pins .
4. The capacitance Cs0~Cs3 can be used to adjust the sensitivity. The value of
Cs0~Cs3 use smaller, then the sensitivity will be better. The sensitivity adjustment
must according to the practical application on PCB. The range of Cs0~Cs3 value
are 0~50pF.
5. The sensitivity adjustment capacitors (Cs0~Cs3) must use smaller temperature
coefficient and more stable capacitors. Such are X7R, NPO for example.
So for touch application, recommend to use NPO capacitor, for reducing that the
temperature varies to affect sensitivity.


Similar Part No. - TTP224N-BSB

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP224N-ASD TONTEK-TTP224N-ASD Datasheet
301Kb / 12P
   4 KEY TOUCH PAD DETECTOR IC
TTP224N-CO8 TONTEK-TTP224N-CO8 Datasheet
247Kb / 8P
   2 KEY TOUCH PAD DETECTOR IC
TTP224N-DO8 TONTEK-TTP224N-DO8 Datasheet
249Kb / 8P
   2 KEY TOUCH PAD DETECTOR IC
TTP224N-FO8 TONTEK-TTP224N-FO8 Datasheet
254Kb / 8P
   1 KEY TOUCH PAD DETECTOR IC
More results

Similar Description - TTP224N-BSB

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP224 TONTEK-TTP224 Datasheet
180Kb / 4P
   4 KEY TOUCH PAD DETECTOR IC
TTP224N TONTEK-TTP224N Datasheet
328Kb / 10P
   4 KEY TOUCH PAD DETECTOR IC
TTP224N-ASD TONTEK-TTP224N-ASD Datasheet
301Kb / 12P
   4 KEY TOUCH PAD DETECTOR IC
logo
Shenzhen Huazhimei Semi...
HM223B HMSEMI-HM223B Datasheet
583Kb / 8P
   1 key Touch Pad Detector IC
logo
Tontek Design Technolog...
TTP224N-DO8 TONTEK-TTP224N-DO8 Datasheet
249Kb / 8P
   2 KEY TOUCH PAD DETECTOR IC
logo
TT Electronics.
TTP223 TTELEC-TTP223 Datasheet
286Kb / 11P
   1 KEY TOUCH PAD DETECTOR IC
logo
Tontek Design Technolog...
TTP233C TONTEK-TTP233C Datasheet
272Kb / 11P
   1 key Touch Pad Detector IC
TTP233C-HA6 TONTEK-TTP233C-HA6 Datasheet
366Kb / 8P
   1 key Touch Pad Detector IC
TTP233D-BA6 TONTEK-TTP233D-BA6 Datasheet
364Kb / 8P
   1 key Touch Pad Detector IC
logo
List of Unclassifed Man...
TTP223-BA6 ETC1-TTP223-BA6 Datasheet
251Kb / 8P
   1 KEY TOUCH PAD DETECTOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com