Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTP117-CO8 Datasheet(PDF) 8 Page - Tontek Design Technology

Part # TTP117-CO8
Description  TOUCH DIMMER FOR LED LIGHTING
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP117-CO8 Datasheet(HTML) 8 Page - Tontek Design Technology

Back Button TTP117-CO8 Datasheet HTML 3Page - Tontek Design Technology TTP117-CO8 Datasheet HTML 4Page - Tontek Design Technology TTP117-CO8 Datasheet HTML 5Page - Tontek Design Technology TTP117-CO8 Datasheet HTML 6Page - Tontek Design Technology TTP117-CO8 Datasheet HTML 7Page - Tontek Design Technology TTP117-CO8 Datasheet HTML 8Page - Tontek Design Technology TTP117-CO8 Datasheet HTML 9Page - Tontek Design Technology TTP117-CO8 Datasheet HTML 10Page - Tontek Design Technology TTP117-CO8 Datasheet HTML 11Page - Tontek Design Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Preliminary
TTP117
Patent No.:
M 371298 (Taiwan)
ZL 2010 2 0300629.5 (CHINA)
12’/09/24
Page 8 of 11
Version: 1.0
Reference Only
CE1
10UF
C1
0.1UF
CI
2.2UF
RI
2M
4
3
2
1
5
6
7
8
M2
AC
110V/60Hz
Note : RI, CI, R_CK, R_TI VALUE Ref. Touch Plate(maybe modify)
11
D2
10
9
8
D1
C3
C2
1N4148
13
NMOS
78L05
M2
12
M1
1N4148
No.
0.1uF
Value
Value
Name
10uF/35V @24V
10uF/16V @12v
CE1
6
7
C1
No.
Name
1K@12V
2.2uF/10V
2M
1K
120K
2K@24V
CI
RI
R_TI
R_CK
R1
5
4
3
2
1
1000pF/1KV
1000pF/1KV
TTP117-HO8
TTP117-FD8
78L05
M1
TTP117H
TTP117F
1000pF/1KV
Touch Plate
1000pF/1KV
R1=2K
R1 =1K
Note : Led Power = 12V
-->
Led Power = 24V
-->
Power
Adaptor
12V
Led Power
220V/50V
R0
LED
+
+
NMOS
1N4148
1N4148
D2
D1
OPT2
OPT1
VDD
TI
CI
CK
VSS
AT
TTP932
VIN
SEN
DIM
GND
SW
6
5
4
3
2
1
CI
2.2UF
CE1
10UF
C1
0.1UF
C5
10UF/50V
RI
2M
4
3
2
1
5
6
7
8
AC
110V/60Hz
Note : RI, CI, R_CK, R_TI VALUE Ref. Touch Plate(maybe modify)
TTP117-HO8
FTP117-FD8
+
14
+
11
D2
10
9
8
D1
C3
C2
1N4148
13
78L05
12
M1
1N4148
No.
0.1uF
Value
Value
Name
10uF/35V @24V
10uF/16V @12v
CE1
6
7
C1
No.
Name
1K@12V
2.2uF/10V
2M
1K
120K
2K@24V
CI
RI
R_TI
R_CK
R1
5
4
3
2
1
1000pF/1KV
1000pF/1KV
78L05
M1
TTP117H
TTP117F
R1 = 1K
R1 = 2K
With TTP932 LED Driver
Led Power = 24V
-->
Note : Led Power = 12V
-->
+
Schottky
+
667mA
760mA
1000mA
0.15
0.13
0.1
Norminal average output current
Rs(ohm)
L
68uH
RS
LED
1000pF/1KV
1000pF/1KV
Touch Plate
Power
Adaptor
12V
Led Power
220V/50V
1N4148
1N4148
D2
D1
OPT2
OPT1
VDD
TI
CI
CK
VSS
AT


Similar Part No. - TTP117-CO8

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP117-AD8 TONTEK-TTP117-AD8 Datasheet
139Kb / 11P
   TOUCH DIMMER FOR LED LIGHTING
TTP117-BD8 TONTEK-TTP117-BD8 Datasheet
139Kb / 11P
   TOUCH DIMMER FOR LED LIGHTING
TTP117-DO8 TONTEK-TTP117-DO8 Datasheet
139Kb / 11P
   TOUCH DIMMER FOR LED LIGHTING
More results

Similar Description - TTP117-CO8

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP117-BD8 TONTEK-TTP117-BD8 Datasheet
139Kb / 11P
   TOUCH DIMMER FOR LED LIGHTING
TTP117-AD8 TONTEK-TTP117-AD8 Datasheet
139Kb / 11P
   TOUCH DIMMER FOR LED LIGHTING
TTP117-DO8 TONTEK-TTP117-DO8 Datasheet
139Kb / 11P
   TOUCH DIMMER FOR LED LIGHTING
TTP112-CDA TONTEK-TTP112-CDA Datasheet
149Kb / 12P
   CONTINUOUS TOUCH DIMMER FOR DC LED LIGHTING
TTP112-DOB TONTEK-TTP112-DOB Datasheet
149Kb / 12P
   CONTINUOUS TOUCH DIMMER FOR DC LED LIGHTING
TTP112-EOB TONTEK-TTP112-EOB Datasheet
149Kb / 12P
   CONTINUOUS TOUCH DIMMER FOR DC LED LIGHTING
TTP112-ADA TONTEK-TTP112-ADA Datasheet
149Kb / 12P
   CONTINUOUS TOUCH DIMMER FOR DC LED LIGHTING
TTP112-BOB TONTEK-TTP112-BOB Datasheet
149Kb / 12P
   CONTINUOUS TOUCH DIMMER FOR DC LED LIGHTING
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
List of Unclassifed Man...
TT6061A ETC-TT6061A Datasheet
68Kb / 1P
   TOUCH DIMMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com