Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTP112-ADA Datasheet(PDF) 3 Page - Tontek Design Technology

Part # TTP112-ADA
Description  CONTINUOUS TOUCH DIMMER FOR DC LED LIGHTING
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP112-ADA Datasheet(HTML) 3 Page - Tontek Design Technology

  TTP112-ADA Datasheet HTML 1Page - Tontek Design Technology TTP112-ADA Datasheet HTML 2Page - Tontek Design Technology TTP112-ADA Datasheet HTML 3Page - Tontek Design Technology TTP112-ADA Datasheet HTML 4Page - Tontek Design Technology TTP112-ADA Datasheet HTML 5Page - Tontek Design Technology TTP112-ADA Datasheet HTML 6Page - Tontek Design Technology TTP112-ADA Datasheet HTML 7Page - Tontek Design Technology TTP112-ADA Datasheet HTML 8Page - Tontek Design Technology TTP112-ADA Datasheet HTML 9Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Preliminary
TTP112
Patent No.:
M371298 (Taiwan)
ZL 2010 2 0300629.5 (CHINA)
12’/07/12
Page 3 of 12
Ver 1.0
Reference Only
ELECTRICAL CHARACTERISTICS
‧Absolute Maximum Ratings
‧DC/AC Characteristics:(Test condition at room temperature=25℃)
Parameter
Symbol
Conditions
Value
Unit
Operating Temperature
TOP
-20 ~ +70
Storage Temperature
TSTG
-50 ~ +125
Power Supply Voltage
VDD
Ta=25
°C
VSS-0.3 ~ VSS+5.5
V
Input Voltage
VIN
Ta=25
°C
VSS-0.3 ~ VDD+0.3
V
Note:VSS symbolizes for system ground
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Operating Voltage
VDD
4.5
5.0
6.8
V
System oscillator
Fosc
VDD=5.0V, R_CK=100KΩ
-
1.2M
-
Hz
Sensor oscillator
Tosc
VDD=5.0V, R_TCK=68KΩ
2.0M
Operating Current
IOP
VDD=5.0V ,
No load
R_CK=100KΩ
R_TCK=68KΩ
Touch Mode
-
600
1200
uA
Switch mode
250
500
Input Ports
VIL
Input Low Voltage
0
-
0.2
VDD
Input Ports
VIH
Input High Voltage
0.8
-
1.0
VDD
Output Port Sink Current
IOL
VDD=5.0V, VOL=0.5V
Pin : PWM, BUZZER
-
25
-
mA
Output Port Source Current
IOH
VDD=5.0V, VOH=VDD-0.5V
Pin : PWM, BUZZER
-
8
-
mA
Input Pin Pull-low Resistor
RPL
VDD=5.0V,
Pin : NSSEL, SEL,VCHK
130K
ohm
Input Pin Pull-high Resistor
RPH
VDD=5.0V,
Pin : TI
300K
ohm
VDD=5.0V,
Pin : TSSEL, SEN,OPT1,OPT2
139K


Similar Part No. - TTP112-ADA

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP112-BOB TONTEK-TTP112-BOB Datasheet
149Kb / 12P
   CONTINUOUS TOUCH DIMMER FOR DC LED LIGHTING
TTP112-CDA TONTEK-TTP112-CDA Datasheet
149Kb / 12P
   CONTINUOUS TOUCH DIMMER FOR DC LED LIGHTING
TTP112-DOB TONTEK-TTP112-DOB Datasheet
149Kb / 12P
   CONTINUOUS TOUCH DIMMER FOR DC LED LIGHTING
TTP112-EOB TONTEK-TTP112-EOB Datasheet
149Kb / 12P
   CONTINUOUS TOUCH DIMMER FOR DC LED LIGHTING
More results

Similar Description - TTP112-ADA

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP112-CDA TONTEK-TTP112-CDA Datasheet
149Kb / 12P
   CONTINUOUS TOUCH DIMMER FOR DC LED LIGHTING
TTP112-DOB TONTEK-TTP112-DOB Datasheet
149Kb / 12P
   CONTINUOUS TOUCH DIMMER FOR DC LED LIGHTING
TTP112-EOB TONTEK-TTP112-EOB Datasheet
149Kb / 12P
   CONTINUOUS TOUCH DIMMER FOR DC LED LIGHTING
TTP112-BOB TONTEK-TTP112-BOB Datasheet
149Kb / 12P
   CONTINUOUS TOUCH DIMMER FOR DC LED LIGHTING
TTP117-CO8 TONTEK-TTP117-CO8 Datasheet
139Kb / 11P
   TOUCH DIMMER FOR LED LIGHTING
TTP117-BD8 TONTEK-TTP117-BD8 Datasheet
139Kb / 11P
   TOUCH DIMMER FOR LED LIGHTING
TTP117-AD8 TONTEK-TTP117-AD8 Datasheet
139Kb / 11P
   TOUCH DIMMER FOR LED LIGHTING
TTP117-DO8 TONTEK-TTP117-DO8 Datasheet
139Kb / 11P
   TOUCH DIMMER FOR LED LIGHTING
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
List of Unclassifed Man...
TT6061A ETC-TT6061A Datasheet
68Kb / 1P
   TOUCH DIMMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com