Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC442 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC442
Description  GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC442 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC442 Datasheet HTML 1Page - Hittite Microwave Corporation HMC442 Datasheet HTML 2Page - Hittite Microwave Corporation HMC442 Datasheet HTML 3Page - Hittite Microwave Corporation HMC442 Datasheet HTML 4Page - Hittite Microwave Corporation HMC442 Datasheet HTML 5Page - Hittite Microwave Corporation HMC442 Datasheet HTML 6Page - Hittite Microwave Corporation HMC442 Datasheet HTML 7Page - Hittite Microwave Corporation HMC442 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MICROWAVE CORPORATION
1 - 68
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
1
HMC442
GaAs PHEMT MMIC MEDIUM
POWER AMPLIFIER, 17.5 - 25.5 GHz
v01.0304
General Description
Features
Functional Diagram
The HMC442 is an efficient GaAs PHEMT MMIC
Medium Power Amplifier which operates between
17.5 and 25.5 GHz. The HMC442 provides 15 dB
of gain, +23 dBm of saturated power and 25%
PAE from a +5.0 V supply voltage. The amplifier
chip can easily be integrated into Multi-Chip-
Modules (MCMs) due to its small (0.96mm2) size.
All data is tested with the chip in a 50 Ohm test
fixture connected via 0.025mm (1 mil) diameter
wire bonds of minimal length 0.31mm (12 mils).
Saturated Power: +23 dBm @ 25% PAE
Gain: 15 dB
Supply Voltage: +5.0 V
50 Ohm Matched Input/Output
Electrical Specifications, T
A = +25° C, Vdd = 5V, Idd = 85 mA*
Typical Applications
The HMC442 is ideal for use as a medium power
amplifier for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• VSAT
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
17.5 - 21.0
21.0 - 24.0
24.0 - 25.5
GHz
Gain
12
14.5
12
15
13.5
16
dB
Gain Variation Over Temperature
0.02
0.03
0.02
0.03
0.02
0.03
dB/ °C
Input Return Loss
15
13
10
dB
Output Return Loss
10
10
10
dB
Output Power for 1 dB Compression (P1dB)
18
21
18.5
21.5
19
22
dBm
Saturated Output Power (Psat)
20
23
20
23
20
23.5
dBm
Output Third Order Intercept (IP3)
29
28
27
dBm
Noise Figure
6.5
5.5
6
dB
Supply Current (Idd)(Vdd = 5V, Vgg = -1V Typ.)
85
85
85
mA
* Adjust Vgg between -1.5 to -0.5V to achieve Idd = 85 mA typical.


Similar Part No. - HMC442

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC442 HITTITE-HMC442 Datasheet
241Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC442 HITTITE-HMC442 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
HMC442 AD-HMC442 Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC442LC3B HITTITE-HMC442LC3B Datasheet
336Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
More results

Similar Description - HMC442

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC442LC3B HITTITE-HMC442LC3B Datasheet
336Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC442 HITTITE-HMC442_09 Datasheet
241Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC442LC3B HITTITE-HMC442LC3B_08 Datasheet
227Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC442LM1 HITTITE-HMC442LM1_07 Datasheet
349Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 24.0 GHz
HMC442LM1 HITTITE-HMC442LM1 Datasheet
319Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 24 GHz
HMC442LM1 HITTITE-HMC442LM1_09 Datasheet
273Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 24.0 GHz
HMC300LM1 HITTITE-HMC300LM1_01 Datasheet
361Kb / 8P
   SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 25.5 - 33.5 GHz
HMC300LM1 HITTITE-HMC300LM1_05 Datasheet
942Kb / 8P
   SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 25.5 - 33.5 GHz
HMC300LM1 HITTITE-HMC300LM1 Datasheet
282Kb / 8P
   SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 25.5 - 33.5 GHz
logo
Analog Devices
HMC451LC3 AD-HMC451LC3 Datasheet
317Kb / 6P
   Gaas PHEMT MMIC MEDIUM POWER aMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com