Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3106-00-HVMZ Datasheet(PDF) 10 Page - Vicor Corporation

Part # PI3106-00-HVMZ
Description  Cool-Power ZVS Isolated DC-DC Converter Modules
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3106-00-HVMZ Datasheet(HTML) 10 Page - Vicor Corporation

Back Button PI3106-00-HVMZ Datasheet HTML 6Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 7Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 8Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 9Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 10Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 11Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 12Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 13Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 14Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Cool-Power®
Rev 1.4
vicorpower.com
Page 10 of 18
02/2015
800 927.9474
PI31xx-01-HVIZ
Figure 8 — Transient Response (VIN = 24 V, IOUT = 5 - 10 A,
0.1 A/µs, COUT = 6 X 10 µF X7R Ceramic)
Figure 7 — Start Up CREF = 0
(VIN = 36 V, IOUT = 10 A, CR, COUT = 6 X 10 µF X7R Ceramic)
Figure 9 — Output Ripple
(VIN = 24 V, IOUT = 10 A, CR, COUT = 6 X 10 µF X7R Ceramic)
Figure 10 — Thermal Image
(VIN = 24 V, IOUT = 10 A, CR, 0 LFM Evaluation PCB)
PI3109-01-HVIZ Electrical Characteristics


Similar Part No. - PI3106-00-HVMZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
552Kb / 15P
   16-50V Input, 12V / 4.2A / 50W Output Very High Density Isolated DC-DC Converter (334W/in3)
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
More results

Similar Description - PI3106-00-HVMZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ_16 Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ_16 Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ_16 Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI31XX-0X-HVIZ VICOR-PI31XX-0X-HVIZ Datasheet
1Mb / 22P
   48VIN and 3.3 ??18VOUT, ZVS Isolated DC-DC Converter Modules
DCM VICOR-DCM Datasheet
131Kb / 2P
   Isolated, Regulated DC-DC Converter Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
logo
Texas Instruments
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Artesyn Technologies
SMT15E-12W3V3J ARTESYN-SMT15E-12W3V3J_15 Datasheet
524Kb / 3P
   POWER Non-Isolated DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com