Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCM3714VD2H26FOT09 Datasheet(PDF) 6 Page - Vicor Corporation

Part # DCM3714VD2H26FOT09
Description  Regulated DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DCM3714VD2H26FOT09 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button DCM3714VD2H26FOT09 Datasheet HTML 2Page - Vicor Corporation DCM3714VD2H26FOT09 Datasheet HTML 3Page - Vicor Corporation DCM3714VD2H26FOT09 Datasheet HTML 4Page - Vicor Corporation DCM3714VD2H26FOT09 Datasheet HTML 5Page - Vicor Corporation DCM3714VD2H26FOT09 Datasheet HTML 6Page - Vicor Corporation DCM3714VD2H26FOT09 Datasheet HTML 7Page - Vicor Corporation DCM3714VD2H26FOT09 Datasheet HTML 8Page - Vicor Corporation DCM3714VD2H26FOT09 Datasheet HTML 9Page - Vicor Corporation DCM3714VD2H26FOT09 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Electrical Specifications (cont.)
Specifications apply over all line, trim and load conditions, internal temperature TINT = 25ºC, unless otherwise noted. Boldface specifications apply over the
temperature range specified by the product grade.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Power Output Specifications (Cont.)
Output capacitance (external)
COUT-EXT
Excludes component temperature coefficient. For load
transients that remain > 2% rated load
1000
10000
µF
Output capacitance (external)
COUT-EXT-
TRANSIENT
Excludes component temperature coefficient. For load
transients down to 0% rated load
1000
10000
µF
Output capacitance, ESR (ext.)
RCOUT-EXT
At 10 kHz, excludes component tolerances
10
m
Ω
Initialization delay
tINIT
See state diagram
25
40
ms
Output turn-on delay
tON
From rising edge EN, with VDDE pre-applied.
See timing diagram
200
µs
Output turn-off delay
tOFF
From falling edge EN. See timing diagram
600
µs
Soft start ramp time
tSS
Full load (soft-start ramp time) with minimum COUT-EXT
300
ms
VOUT threshold for max
rated load current
VOUT-FL-THRESH
During startup, VOUT must achieve this threshold before
output can support full rated current
10.5
V
IOUT at startup
IOUT-START
Max load current at startup while VOUT
is below VOUT-FL-THRESH
2.50
A
Monotonic soft-start threshold
voltage
VOUT-MONOTONIC
Output voltage rise becomes monotonic with 1% of
preload once it crosses VOUT-MONOTONIC
13.0
V
Minimum required disabled duration
tOFF-MIN
This refers to the minimum time a module needs to be
in the disabled state before it will attempt to start via EN
2
ms
Minimum required disabled duration
for predictable restart
tOFF-MONOTONIC
This refers to the minimum time a module needs to be in
the disabled state before it is guaranteed to exhibit
monotonic soft-start and have predictable startup timing
100
ms
Voltage deviation (transient)
%VOUT-TRANS
Minimum COUT_EXT (10
↔ 90% load step)
<10
%
Settling time
tSETTLE
2.0
ms
Powertrain Protections
Input Voltage Initialization threshold
VIN-INIT
Threshold to start tINIT delay
75
V
Input Voltage Reset threshold
VIN-RESET
Latching faults will clear once VIN falls below VIN-RESET
50
V
Input undervoltage lockout threshold
VIN-UVLO-
130
165
V
Input undervoltage recovery threshold
VIN-UVLO+
See Timing diagram
200
V
Input overvoltage lockout threshold
VIN-OVLO+
460
V
Input overvoltage recovery threshold
VIN-OVLO-
See Timing diagram
422
V
Output overvoltage threshold
VOUT-OVP
Latched shutdown
32.1
V
Minimum current limited VOUT
VOUT-UVP
Over all operating steady-state line and trim conditions
13
V
Overtemperature threshold (internal)
TINT-OTP
120
°C
Power limit
PLIM
950
W
VIN overvoltage to cessation of
powertrain switching
tOVLO-SW
Independent of fault logic
1.5
µs
VIN overvoltage response time
tOVLO
For fault logic only
200
µs
VIN undervoltage response time
tUVLO
100
ms
Short circuit response time
tSC
Powertrain on, operational state
200
µs
Short circuit, or temperature fault
recovery time
tFAULT
See Timing diagram
1
s
DCM3714xD2H26F0yzz
DCMin a VIA Package
Rev 1.6
vicorpower.com
Page 6 of 23
03/2016
800 927.9474


Similar Part No. - DCM3714VD2H26FOT09

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM3714VD2H26F0C01 VICOR-DCM3714VD2H26F0C01 Datasheet
3Mb / 23P
   Isolated, Regulated DC Converter
DCM3714VD2H26F0C05 VICOR-DCM3714VD2H26F0C05 Datasheet
3Mb / 23P
   Isolated, Regulated DC Converter
DCM3714VD2H26F0C09 VICOR-DCM3714VD2H26F0C09 Datasheet
3Mb / 23P
   Isolated, Regulated DC Converter
DCM3714VD2H26F0M01 VICOR-DCM3714VD2H26F0M01 Datasheet
3Mb / 23P
   Isolated, Regulated DC Converter
DCM3714VD2H26F0M05 VICOR-DCM3714VD2H26F0M05 Datasheet
3Mb / 23P
   Isolated, Regulated DC Converter
More results

Similar Description - DCM3714VD2H26FOT09

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM300P138X500A40 VICOR-DCM300P138X500A40 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ Datasheet
1Mb / 22P
   Regulated DC Converter
DCM48AP360X320A50 VICOR-DCM48AP360X320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM290Y138X600A40 VICOR-DCM290Y138X600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM24AP150X320A50 VICOR-DCM24AP150X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM24AP240X320A50 VICOR-DCM24AP240X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P280X500A40 VICOR-DCM300P280X500A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P240X600A40 VICOR-DCM300P240X600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM48AP150T320A50 VICOR-DCM48AP150T320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM48AP480T320A50 VICOR-DCM48AP480T320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com