Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCM3414V50M31C2C09 Datasheet(PDF) 7 Page - Vicor Corporation

Part # DCM3414V50M31C2C09
Description  Regulated DC Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DCM3414V50M31C2C09 Datasheet(HTML) 7 Page - Vicor Corporation

Back Button DCM3414V50M31C2C09 Datasheet HTML 3Page - Vicor Corporation DCM3414V50M31C2C09 Datasheet HTML 4Page - Vicor Corporation DCM3414V50M31C2C09 Datasheet HTML 5Page - Vicor Corporation DCM3414V50M31C2C09 Datasheet HTML 6Page - Vicor Corporation DCM3414V50M31C2C09 Datasheet HTML 7Page - Vicor Corporation DCM3414V50M31C2C09 Datasheet HTML 8Page - Vicor Corporation DCM3414V50M31C2C09 Datasheet HTML 9Page - Vicor Corporation DCM3414V50M31C2C09 Datasheet HTML 10Page - Vicor Corporation DCM3414V50M31C2C09 Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Signal Specifications
Specifications apply over all line, trim and load conditions, internal temperature TINT = 25ºC, unless otherwise noted. Boldface specifications apply over the
temperature range specified by the product grade. Please note: For chassis mount models, Vicor part number 42550 will be needed for applications
requiring the use of signal pins (Enable, Trim and Sense functions).[2]
Enable: EN
• The EN pin enables and disables the DCM; when held low the unit will be disabled.
• The EN pin is activated only if VDDE is preapplied before VIN is applied. Otherwise, EN is inactive and will be ignored until VIN is removed and reapplied.
Additonally, if VDDE is removed at any time, EN will return to inactive mode.
• The EN pin is referred to the –OUT of the converter and isolated from the primary side
SIGNAL TYPE
STATE
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
NOM
MAX
UNIT
DIGITAL
INPUT
Any
EN enable threshold
VENABLE-EN
2.31
V
EN disable threshold
VENABLE-DIS
Needs VDDE preapplied
0.99
V
Internally generated VCC
VCC
3.23
3.30
3.37
V
EN internal pull up
resistance to VCC
RENABLE-INT
0.990 1.000 1.010
k
Ω
Trim: TR
• The TR pin enables and disables trim functionality when VIN is initially applied to the DCM converter.
When Vin first crosses VIN-UVLO+, the voltage on TR determines whether or not trim is active.
• If TR is not floating at power up and has a voltage less than TR trim enable threshold, trim is active.
• If trim is active, the TR pin provides dynamic trim control with at least 250 Hz of -3dB control bandwidth over the output voltage of the
DCM converter.
• The TR pin has an internal pull-up to VCC and is referenced to the –OUT pin of the converter.
•VTRIM-RANGE represents the trim pin functional limits only. Module performance is guaranteed within rated output voltage trim range VOUT-TRIMMING,
see electrical specification on page 5.
SIGNAL TYPE
STATE
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
NOM
MAX
UNIT
DIGITAL
INPUT
Startup
TR trim disable threshold
VTRIM-DIS
Trim disabled when TR above this threshold
at power up
3.20
V
TR trim enable threshold
VTRIM-EN
Trim enabled when TR below this threshold
at power up
3.10
V
ANALOG
INPUT
Operational
with Trim
enabled
Internally generated VCC
VCC
3.23
3.30
3.37
V
TR pin functional range
VTRIM-RANGE
Functional limits only
0.00
2.37
3.10
V
VOUT referred TR
pin resolution
VOUT-RES
With VCC = 3.3 V
20.51
mV
TR internal pull up
resistance to VCC
RTRIM-INT
0.999 1.000 1.001
k
Ω
DCM3414x50M31C2yzz
DCMin a VIA Package
Rev 1.2
vicorpower.com
Page 7 of 22
03/2016
800 927.9474
[2] Signal cable 42550 is rated for up to 5 insertions and extractions. To avoid unnecessary stress on the connector, the cable should be tied to the chassis.
VDDE
• VDDE powers the internal controller.
• VDDE needs to be preapplied before VIN in order to activate EN functionalities.
• If not preapplied, VDDE is derived from VOUT; however, in this case, the enable function is not activated (the unit is always enabled and can be disabled
only by removing VIN.)
• If VDDE is removed during operation, the unit will return in"always enabled" mode, ignoring the EN pin until VDDE is reapplied and VIN is cycled.
SIGNAL TYPE
STATE
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
NOM
MAX
UNIT
POWER
INPUT
Any
Power input for internal
controller
VDDE
4
5
10
V
VDDE current
consumption
IVDDE
35
50
mA


Similar Part No. - DCM3414V50M31C2C09

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM3414V50M31C2C09 VICOR-DCM3414V50M31C2C09 Datasheet
3Mb / 22P
   Isolated, Regulated DC Converter
More results

Similar Description - DCM3414V50M31C2C09

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM300P138X500A40 VICOR-DCM300P138X500A40 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ Datasheet
1Mb / 22P
   Regulated DC Converter
DCM3714XD2H26F0YZZ VICOR-DCM3714XD2H26F0YZZ Datasheet
1Mb / 23P
   Regulated DC Converter
DCM48AP360X320A50 VICOR-DCM48AP360X320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM290Y138X600A40 VICOR-DCM290Y138X600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM24AP150X320A50 VICOR-DCM24AP150X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM24AP240X320A50 VICOR-DCM24AP240X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P280X500A40 VICOR-DCM300P280X500A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P240X600A40 VICOR-DCM300P240X600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM48AP150T320A50 VICOR-DCM48AP150T320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM48AP480T320A50 VICOR-DCM48AP480T320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com