Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCM3714BD2H53EOT01 Datasheet(PDF) 4 Page - Vicor Corporation

Part # DCM3714BD2H53EOT01
Description  Regulated DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DCM3714BD2H53EOT01 Datasheet(HTML) 4 Page - Vicor Corporation

  DCM3714BD2H53EOT01 Datasheet HTML 1Page - Vicor Corporation DCM3714BD2H53EOT01 Datasheet HTML 2Page - Vicor Corporation DCM3714BD2H53EOT01 Datasheet HTML 3Page - Vicor Corporation DCM3714BD2H53EOT01 Datasheet HTML 4Page - Vicor Corporation DCM3714BD2H53EOT01 Datasheet HTML 5Page - Vicor Corporation DCM3714BD2H53EOT01 Datasheet HTML 6Page - Vicor Corporation DCM3714BD2H53EOT01 Datasheet HTML 7Page - Vicor Corporation DCM3714BD2H53EOT01 Datasheet HTML 8Page - Vicor Corporation DCM3714BD2H53EOT01 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Absolute Maximum Ratings
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause permanent damage to the device.
Electrical specifications do not apply when operating beyond rated operating conditions.
Parameter
Comments
Min
Max
Unit
Input Voltage (+IN to –IN)
-0.5
460
V
Input Voltage Slew Rate
1
V/µs
TR to –OUT
-0.5
3.6
V
EN to –OUT
-0.5
3.6
V
VDDE to –OUT
0
12
V
–SENSE to –OUT
0
2.225
V
+OUT to +SENSE
0
2.225
V
+SENSE to –OUT
0
62.4
V
Output Voltage (+Out to –Out)
-0.5
62.7
V
Dielectric withstand (input to output)
[2] See comment below
4242
Vdc
Internal Operating Temperature
C Grade
-20
125
°C
T Grade
-40
125
°C
M Grade
-55
125
°C
Storage Temperature
C Grade
-20
125
°C
T Grade
-40
125
°C
M Grade
-65
125
°C
Average Output Current
10.4
A
Figure 2 —
Electrical Specified Operating Area
Figure 1 —
Thermal Specified Operating Area: Max Output Power
vs. Case Temp, Single unit at minimum full load efficiency
[2] The absolute maximum rating listed above for Dielectric withstand (input to output) refers to the internal safety approved isolating component (VI ChiP)
that provides the reinforced insulation from input to output. The VIA package itself can only be tested at a basic insulation value (2121 V). See Dielectric
Withstand Test section on page 15 and Dielectric Withstand section on page 18 for more details.
DCM3714xD2H53E0yzz
DCMin a VIA Package
Rev 1.3
vicorpower.com
Page 4 of 23
03/2016
800 927.9474


Similar Part No. - DCM3714BD2H53EOT01

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM3714BD2H53E0C01 VICOR-DCM3714BD2H53E0C01 Datasheet
3Mb / 23P
   Isolated, Regulated DC Converter
DCM3714BD2H53E0C05 VICOR-DCM3714BD2H53E0C05 Datasheet
3Mb / 23P
   Isolated, Regulated DC Converter
DCM3714BD2H53E0C09 VICOR-DCM3714BD2H53E0C09 Datasheet
3Mb / 23P
   Isolated, Regulated DC Converter
DCM3714BD2H53E0M01 VICOR-DCM3714BD2H53E0M01 Datasheet
3Mb / 23P
   Isolated, Regulated DC Converter
DCM3714BD2H53E0M05 VICOR-DCM3714BD2H53E0M05 Datasheet
3Mb / 23P
   Isolated, Regulated DC Converter
More results

Similar Description - DCM3714BD2H53EOT01

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM300P138X500A40 VICOR-DCM300P138X500A40 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ Datasheet
1Mb / 22P
   Regulated DC Converter
DCM3714XD2H26F0YZZ VICOR-DCM3714XD2H26F0YZZ Datasheet
1Mb / 23P
   Regulated DC Converter
DCM48AP360X320A50 VICOR-DCM48AP360X320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM290Y138X600A40 VICOR-DCM290Y138X600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM24AP150X320A50 VICOR-DCM24AP150X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM24AP240X320A50 VICOR-DCM24AP240X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P280X500A40 VICOR-DCM300P280X500A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P240X600A40 VICOR-DCM300P240X600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM48AP150T320A50 VICOR-DCM48AP150T320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM48AP480T320A50 VICOR-DCM48AP480T320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com