Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCM3414B50M26C2C05 Datasheet(PDF) 11 Page - Vicor Corporation

Part # DCM3414B50M26C2C05
Description  Regulated DC Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DCM3414B50M26C2C05 Datasheet(HTML) 11 Page - Vicor Corporation

Back Button DCM3414B50M26C2C05 Datasheet HTML 7Page - Vicor Corporation DCM3414B50M26C2C05 Datasheet HTML 8Page - Vicor Corporation DCM3414B50M26C2C05 Datasheet HTML 9Page - Vicor Corporation DCM3414B50M26C2C05 Datasheet HTML 10Page - Vicor Corporation DCM3414B50M26C2C05 Datasheet HTML 11Page - Vicor Corporation DCM3414B50M26C2C05 Datasheet HTML 12Page - Vicor Corporation DCM3414B50M26C2C05 Datasheet HTML 13Page - Vicor Corporation DCM3414B50M26C2C05 Datasheet HTML 14Page - Vicor Corporation DCM3414B50M26C2C05 Datasheet HTML 15Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Figure 7 — Full Load Efficiency vs. VIN, at low trim
Figure 8 — Full Load Efficiency vs. VIN, at nominal trim
Figure 4 —
No load power dissipation vs. VIN, at nominal trim
Figure 3 —
Disabled power dissipation vs. VIN
Typical Performance Characteristics
The following figures present typical performance at TC = 25ºC, unless otherwise noted. See associated figures for general trend data.
Figure 6 —
10% to 100% load transient response, VIN = 28 V,
nominal trim, COUT_EXT = 250 µF
Figure 5 —
100% to 10% load transient response, VIN = 28 V,
nominal trim, COUT_EXT = 250 µF
DCM3414x50M26C2yzz
DCMin a VIA Package
Rev 1.4
vicorpower.com
Page 11 of 22
03/2016
800 927.9474


Similar Part No. - DCM3414B50M26C2C05

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM3414B50M26C2C05 VICOR-DCM3414B50M26C2C05 Datasheet
3Mb / 22P
   Isolated, Regulated DC Converter
More results

Similar Description - DCM3414B50M26C2C05

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM300P138X500A40 VICOR-DCM300P138X500A40 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM3714XD2H26F0YZZ VICOR-DCM3714XD2H26F0YZZ Datasheet
1Mb / 23P
   Regulated DC Converter
DCM48AP360X320A50 VICOR-DCM48AP360X320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM290Y138X600A40 VICOR-DCM290Y138X600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM24AP150X320A50 VICOR-DCM24AP150X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM24AP240X320A50 VICOR-DCM24AP240X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P280X500A40 VICOR-DCM300P280X500A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P240X600A40 VICOR-DCM300P240X600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM48AP150T320A50 VICOR-DCM48AP150T320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM48AP480T320A50 VICOR-DCM48AP480T320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com