Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCM3714XD2J13D0YZZ Datasheet(PDF) 1 Page - Vicor Corporation

Part # DCM3714XD2J13D0YZZ
Description  Regulated DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DCM3714XD2J13D0YZZ Datasheet(HTML) 1 Page - Vicor Corporation

  DCM3714XD2J13D0YZZ Datasheet HTML 1Page - Vicor Corporation DCM3714XD2J13D0YZZ Datasheet HTML 2Page - Vicor Corporation DCM3714XD2J13D0YZZ Datasheet HTML 3Page - Vicor Corporation DCM3714XD2J13D0YZZ Datasheet HTML 4Page - Vicor Corporation DCM3714XD2J13D0YZZ Datasheet HTML 5Page - Vicor Corporation DCM3714XD2J13D0YZZ Datasheet HTML 6Page - Vicor Corporation DCM3714XD2J13D0YZZ Datasheet HTML 7Page - Vicor Corporation DCM3714XD2J13D0YZZ Datasheet HTML 8Page - Vicor Corporation DCM3714XD2J13D0YZZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Isolated, Regulated DC Converter
DCMin a VIA Package
DC-DC Converter
Features & Benefits
Isolated, regulated DC-to-DC converter
Up to 400 W, 33.33 A continuous
93.5% peak efficiency
206 W/in3 Power density
Wide input range 180 – 420 Vdc
Safety Extra Low Voltage (SELV) 12.0 V Nominal Output
ZVS high frequency switching
Allows remote sense or local sense operation
Tight regulation over all line and load conditions
Fully operational current limit
OV, OC, UV, short circuit and thermal protection
Available in chassis mount and through hole VIA package
n 3.750” x 1.400” x 0.370”
(95.13 mm x 35.5 mm x 9.30 mm)
Typical Applications
Industrial
Process control
Automotive
Heavy Equipment
Product Description
The DCM in a VIA package is an Isolated, Regulated DC-to-DC
Converter, operating from an unregulated, wide range input to
generate an isolated 12.0 Vdc output. With its high frequency
zero voltage switching (ZVS) topology, the DCM converter
consistently delivers high efficiency across the input line range.
The DCM provides tight output voltage regulation and offers a
secondary-referenced control interface for trim, enable, and
remote sense operation. DCM converters and downstream
DC-DC products support efficient power distribution, providing
superior power system performance and connectivity from a
variety of unregulated power sources to the point-of-load.
The VIA package offers flexible thermal management options
with very low top and bottom side thermal impedances.
Product Ratings
VIN = 180 V to 420 V
POUT = 400 W
VOUT = 12.0 V
(7.2 V to 13.2 V Trim)
IOUT = 33.33 A
Part Ordering Information
Product
Function
Package
Length
Package
Width
Package
Type
Max
Input
Voltage
Range
Ratio
Max
Output
Voltage
Max
Output
Power
Product Grade
(Case Temperature)
Option Field
DCM
37
14
x
D2
J
13
D0
y
z
z
DCM =
DC-DC
Converter
Length in
Inches x 10
Width in
Inches x 10
B = Board VIA
V = Chassis VIA
Internal Reference
C = -20 to 100°C[1]
T = -40 to 100°C[1]
01 = Chassis/Analog
05 = Short Pin/Analog
09 = Long Pin/Analog
Size:
3.750 x 1.400 x 0.370 in
95.13 x 35.5 x 9.30 mm
[1] High Temperature Power Derating may apply, see Thermal Specified Operating Area, Figure 1 on Page 4.
DCM3714xD2J13D0yzz
DCMin a VIA Package
Rev 1.4
vicorpower.com
Page 1 of 23
03/2016
800 927.9474
C
US
®
S
NRTL
CUS


Similar Part No. - DCM3714XD2J13D0YZZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM3714XD2J13D0YZZ VICOR-DCM3714XD2J13D0YZZ Datasheet
1Mb / 23P
   Isolated, Regulated DC Converter
DCM3714XD2J13D0YZZ VICOR-DCM3714XD2J13D0YZZ_17 Datasheet
1Mb / 23P
   Isolated, Regulated DC Converter
More results

Similar Description - DCM3714XD2J13D0YZZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM300P138X500A40 VICOR-DCM300P138X500A40 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ Datasheet
1Mb / 22P
   Regulated DC Converter
DCM3714XD2H26F0YZZ VICOR-DCM3714XD2H26F0YZZ Datasheet
1Mb / 23P
   Regulated DC Converter
DCM48AP360X320A50 VICOR-DCM48AP360X320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM290Y138X600A40 VICOR-DCM290Y138X600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM24AP150X320A50 VICOR-DCM24AP150X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM24AP240X320A50 VICOR-DCM24AP240X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P280X500A40 VICOR-DCM300P280X500A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P240X600A40 VICOR-DCM300P240X600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM48AP150T320A50 VICOR-DCM48AP150T320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM48AP480T320A50 VICOR-DCM48AP480T320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com