Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC441LM1 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC441LM1
Description  GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC441LM1 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC441LM1 Datasheet HTML 1Page - Hittite Microwave Corporation HMC441LM1 Datasheet HTML 2Page - Hittite Microwave Corporation HMC441LM1 Datasheet HTML 3Page - Hittite Microwave Corporation HMC441LM1 Datasheet HTML 4Page - Hittite Microwave Corporation HMC441LM1 Datasheet HTML 5Page - Hittite Microwave Corporation HMC441LM1 Datasheet HTML 6Page - Hittite Microwave Corporation HMC441LM1 Datasheet HTML 7Page - Hittite Microwave Corporation HMC441LM1 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MICROWAVE CORPORATION
8 - 194
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC441LM1
GaAs PHEMT MMIC MEDIUM
POWER AMPLIFIER, 7.0 - 15.5 GHz
v00.1202
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 3, 5
N/C
This pin may be connected to RF ground.
2
Vdd
Power Supply Voltage for the amplifier. An external bypass
capacitor of 100 pF is recommended.
4
RF OUT
This pin is AC coupled and matched to 50 Ohms from
7.0 - 15.5 GHz.
6, 7
Vgg2, Vgg1
Optional gate control for amplifier. If left open, the amplifier
will run at standard current. Negative voltage applied will
reduce current.
8
RF IN
This pin is AC coupled and matched to 50 Ohms from
7.0 - 15.5 GHz.
GND
Package bottom must be connected to RF ground.


Similar Part No. - HMC441LM1

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC441LM1 HITTITE-HMC441LM1 Datasheet
256Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
HMC441LM1 HITTITE-HMC441LM1 Datasheet
262Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
logo
Analog Devices
HMC441LM1 AD-HMC441LM1 Datasheet
397Kb / 8P
   Point-to-Multi-Point Radios
logo
Hittite Microwave Corpo...
HMC441LM1 HITTITE-HMC441LM1_07 Datasheet
262Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
HMC441LM1 HITTITE-HMC441LM1_09 Datasheet
256Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
More results

Similar Description - HMC441LM1

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC441LH5 HITTITE-HMC441LH5 Datasheet
305Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
HMC441LM1 HITTITE-HMC441LM1_07 Datasheet
262Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
HMC441LM1 HITTITE-HMC441LM1_09 Datasheet
256Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
HMC441LH5 HITTITE-HMC441LH5_09 Datasheet
216Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7 - 15.5 GHz
HMC486 HITTITE-HMC486 Datasheet
365Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7.0 - 9.0 GHz
logo
Analog Devices
HMC451LC3 AD-HMC451LC3 Datasheet
317Kb / 6P
   Gaas PHEMT MMIC MEDIUM POWER aMPLIFIER
HMC451LP3 AD-HMC451LP3 Datasheet
310Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC441LH5 AD-HMC441LH5 Datasheet
1Mb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC383 AD-HMC383 Datasheet
286Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC451 AD-HMC451 Datasheet
299Kb / 6P
   GAAS PHEMT MMIC MEDIUM POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com