Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

O9039A344IZWSRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Part # O9039A344IZWSRQ1
Description  Automotive Power Management Unit (PMU) for Processor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

O9039A344IZWSRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button O9039A344IZWSRQ1 Datasheet HTML 6Page - Texas Instruments O9039A344IZWSRQ1 Datasheet HTML 7Page - Texas Instruments O9039A344IZWSRQ1 Datasheet HTML 8Page - Texas Instruments O9039A344IZWSRQ1 Datasheet HTML 9Page - Texas Instruments O9039A344IZWSRQ1 Datasheet HTML 10Page - Texas Instruments O9039A344IZWSRQ1 Datasheet HTML 11Page - Texas Instruments O9039A344IZWSRQ1 Datasheet HTML 12Page - Texas Instruments O9039A344IZWSRQ1 Datasheet HTML 13Page - Texas Instruments O9039A344IZWSRQ1 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
www.ti.com
PACKAGE OUTLINE
C
1.4 MAX
TYP
0.45
0.35
9.6
TYP
9.6 TYP
0.8 TYP
0.8 TYP
169X 0.55
0.45
A
12.1
11.9
B
12.1
11.9
(1.2) TYP
(1.2) TYP
(0.9)
PBGA - 1.4 mm max height
ZWS0169A
PLASTIC BALL GRID ARRAY
4221886/B 09/2015
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
11
BALL A1 CORNER
SEATING PLANE
BALL TYP
0.12 C
0.15
C A
B
0.05
C
SYMM
SYMM
BALL A1 CORNER
C
D
E
F
G
H
J
K
L
M
1 2
3 4 5 6 7 8
9 10
A
B
12 13
N
SCALE 1.100


Similar Part No. - O9039A344IZWSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
O9039A344IZWSRQ1 TI1-O9039A344IZWSRQ1 Datasheet
2Mb / 109P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
More results

Similar Description - O9039A344IZWSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS659038-Q1 TI1-TPS659038-Q1_18 Datasheet
2Mb / 109P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_18 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_1806 TI1-TPS65917-Q1_1806 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1_17 Datasheet
2Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_017 TI1-TPS65917-Q1_017 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659037 TI1-TPS659037_17 Datasheet
1Mb / 99P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI-TPS65917-Q1_V01 Datasheet
2Mb / 93P
[Old version datasheet]   TPS65917-Q1 Power Management Unit (PMU) for Processor
FEBRUARY 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com