Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3943ISQX/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP3943ISQX/NOPB
Description  RGB, White, Blue 16-LED Fun Light Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3943ISQX/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3943ISQX/NOPB Datasheet HTML 3Page - Texas Instruments LP3943ISQX/NOPB Datasheet HTML 4Page - Texas Instruments LP3943ISQX/NOPB Datasheet HTML 5Page - Texas Instruments LP3943ISQX/NOPB Datasheet HTML 6Page - Texas Instruments LP3943ISQX/NOPB Datasheet HTML 7Page - Texas Instruments LP3943ISQX/NOPB Datasheet HTML 8Page - Texas Instruments LP3943ISQX/NOPB Datasheet HTML 9Page - Texas Instruments LP3943ISQX/NOPB Datasheet HTML 10Page - Texas Instruments LP3943ISQX/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Prescaler 0
Register
PWM 0
Register
Oscillator
Power-On Reset
VDD
RST
0
1
LED0
0
1
LED15
Bit 7 of Select Register LS3
Bit 6 of Select Register LS3
Bit 7 of Input Register2
PWM0 Register
PWM1 Register
COPIES
Bit0 of
Select
Register
LED Select Register
Bit1
Input Register
Bit0 of Input Reg 1
I
2C Bus
Control
I
2C
Filters
A2 A1 A0
SCL
SDA
LS0
Prescaler 1
Register
PWM 1
Register
LP3943
www.ti.com
SNVS256C – NOVMEBER 2003 – REVISED OCTOBER 2015
7 Detailed Description
7.1 Overview
The LP3943 takes incoming data from the baseband controller and feeds them into several registers that control
the frequency and the duty cycle of the LEDs. Two prescaler registers and two PWM registers provide two
individual rates to dim or blink the LEDs (for more information on these registers, refer to Table 1). Each LED
can be programmed in one of four states: on, off, DIM0 rate, or DIM1 rate. Two read-only registers provide status
on all 16 LEDs. The LP3943 can be used to drive RGB LEDs and/or single-color LEDs to create a colorful,
entertaining, and informative setting. Alternatively, it can also drive RGB LED as a flashlight. This is particularly
suitable for accessory functions in cellular phones and toys. Any LED pins not used to drive LED can be used for
general purpose parallel input/output (GPIO) expansion.
The LP3943 is equipped with power-on reset that holds the chip in a reset state until VDD reaches VPOR during
power up. Once VPOR is achieved, the LP3943 comes out of reset and initializes itself to the default state.
To bring the LP3943 into reset, hold the RST pin LOW for a period of TW. This puts the chip into its default state.
The LP3943 can only be programmed after RST signal is HIGH again.
7.2 Functional Block Diagram
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3943


Similar Part No. - LP3943ISQX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3943ISQ NSC-LP3943ISQ Datasheet
264Kb / 13P
   RGB/White/Blue 16-LED Fun Light Driver
More results

Similar Description - LP3943ISQX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3943 TI1-LP3943 Datasheet
979Kb / 21P
[Old version datasheet]   RGB/White/Blue 16-LED Fun Light Driver
logo
National Semiconductor ...
LP3943 NSC-LP3943 Datasheet
264Kb / 13P
   RGB/White/Blue 16-LED Fun Light Driver
LP3944 NSC-LP3944 Datasheet
249Kb / 12P
   RGB/White/Blue 8-LED Fun Light Driver
logo
Texas Instruments
LP3944 TI1-LP3944_14 Datasheet
931Kb / 17P
[Old version datasheet]   RGB/White/Blue 8-LED Fun Light Driver
logo
Integrated Silicon Solu...
IS31FL3191-UTLS2-TR ISSI-IS31FL3191-UTLS2-TR Datasheet
319Kb / 15P
   1-CHANNEL FUN LED DRIVER
IS31FL3191 ISSI-IS31FL3191 Datasheet
315Kb / 12P
   1-CHANNEL FUN LED DRIVER
IS31FL3193-DLS2-EB ISSI-IS31FL3193-DLS2-EB Datasheet
320Kb / 13P
   3-CHANNEL FUN LED DRIVER
IS31FL3193 ISSI-IS31FL3193 Datasheet
356Kb / 13P
   3-CHANNEL FUN LED DRIVER
logo
LIGITEK electronics co....
LGXRGB-501H LIGITEK-LGXRGB-501H Datasheet
168Kb / 10P
   RGB Power Light LED
logo
List of Unclassifed Man...
EC4006 ETC2-EC4006 Datasheet
211Kb / 8P
   DC/DC WHITE LIGHT LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com