Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3556 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3556
Description  Synchronous Boost LED Flash Driver With High-Side Current Source
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556 Datasheet(HTML) 1 Page - Texas Instruments

  LM3556_15 Datasheet HTML 1Page - Texas Instruments LM3556_15 Datasheet HTML 2Page - Texas Instruments LM3556_15 Datasheet HTML 3Page - Texas Instruments LM3556_15 Datasheet HTML 4Page - Texas Instruments LM3556_15 Datasheet HTML 5Page - Texas Instruments LM3556_15 Datasheet HTML 6Page - Texas Instruments LM3556_15 Datasheet HTML 7Page - Texas Instruments LM3556_15 Datasheet HTML 8Page - Texas Instruments LM3556_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
IN
OUT
TEMP
SW
ENABLE
TORCH
TX
SDA
SCL
GND
1 PH
10 PF
10 PF
STROBE
LED
Flash
LED
2.5 V to 5.5 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3556
SNVS796D – AUGUST 2011 – REVISED OCTOBER 2015
LM3556 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
1 Features
3 Description
The LM3556 is a 4-MHz fixed-frequency synchronous
1
Grounded Cathode LED Operation for Improved
boost converter plus 1.5-A constant current driver for
Thermal Management
a high-current white LED. The high-side current
1.5-A High-Side Current Source for Single LED
source allows for grounded cathode LED operation
Accurate and Programmable LED Current from
providing flash current up to 1.5 A. An adaptive
regulation
method
ensures
the
current
source
46.9 mA to 1.5 A
remains in regulation and maximizes efficiency.
> 85% Efficiency in Torch Mode (at 100 mA) and
Flash Mode (at 1 A to 1.5 A)
The LM3556 is controlled via an I2C-compatible
interface. Features include: a hardware flash enable
Small Solution Size: < 20 mm2
(STROBE) allowing a logic input to trigger the flash
LED Thermal Sensing and Current Scale-Back
pulse, a hardware torch enable (TORCH) for Movie
Soft-Start Operation for Battery Protection
Mode or flashlight functions, a TX input which forces
the flash pulse into a low-current Torch Mode
Hardware Enable Pin
allowing for synchronization to RF power amplifier
Hardware Torch Enable
events or other high-current conditions, and an
Hardware Strobe Enable
integrated comparator designed to monitor an NTC
Synchronization Input for RF Power Amplifier
thermistor and provide an interrupt to the LED
current. With a fast 1-
μs transition from 0 mA to
Pulse Events
46.9 mA, the TORCH input pin can be used to
VIN Flash Monitor Optimization
develop custom LED current waveforms.
400-kHz I2C-Compatible Interface
The
4-MHz
switching
frequency,
overvoltage
I2C-Compatible Programmable NTC Trip Point
protection and adjustable current limit allow for the
0.4-mm Pitch, 16-Pin DSBGA Package
use of tiny, low-profile inductors and 10-µF ceramic
capacitors. The device is operates over a
−40°C to
2 Applications
+85°C temperature range.
Camera Phone LED Flash
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
LM3556
DSBGA (16)
1.69 mm × 1.64 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM3556_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
More results

Similar Description - LM3556_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2466 EUTECH-EUP2466 Datasheet
78Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
logo
Texas Instruments
LM3643 TI-LM3643_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
LM3642 TI1-LM3642_15 Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
[Old version datasheet]   Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com